Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM4344 Datasheet (PDF) - PMC-Sierra, Inc

PM4344 Datasheet PDF - PMC-Sierra, Inc
Part # PM4344
Download  PM4344 Download
File Size   80.56 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Quad T1 Framer

PM4344 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM4344 Datasheet PDF - PMC-Sierra, Inc

Part # PM4344
Download  PM4344 Click to download

File Size   80.56 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Quad T1 Framer

PM4344 Datasheet (HTML) - PMC-Sierra, Inc


PM4344 Product details

FEATURES
• Monolithic single-chip device that integrates four full-featured T1 framers and transmitters for terminating duplex DS1 signals.
• Supports SF, ESF, T1DM (DDS), and SLC®96 format DS1 signals.
• Supports unframed mode. Supports B8ZS or AMI line codes.
• Supports transfer of PCM and signalling data to/from 1.544 Mbit/s, 2.048 Mbit/s, 12.352 Mbit/s, or 16.384 Mbit/s backplane buses.
• Supports n x DS0 backplane interface for fractional T1.
• Provides robbed-bit signalling extraction/insertion, programmable idle and digital milliwatt code substitution, and two superframes of signalling debounce on a per-channel basis.
• Provides trunk conditioning which forces programmable trouble code substitution and signalling conditioning on all/selected channels.
• Provides ESF bit-oriented code detection/generation, and an HDLC interface for terminating/generating the ESF data link.
• Software and functionally compatible with the PM4341A T1XC Single T1 Transceiver. Pin-compatible with the PM6344 EQUAD Quad E1 Framer.
• Provides an 8-bit microprocessor bus interface for configuration, control, and status monitoring.
• Low power 5 V CMOS technology.
• Available in a rectangular 128-pin PQFP (14 by 20 mm) package. RECEIVE SECTION
• Recovers clock and data using a digital PLL for high jitter tolerance.
• Accepts/provides dual- or single-rail digital PCM inputs/outputs. Accepts gapped data streams to support higher rate demultiplexing.
• Provides Loss Of Signal (LOS) detection, and red, yellow, and Alarm Indication Signal (AIS) alarm detection.
• Detects violations of the ANSI T1.403 12.5% pulse density rule over a moving 192-bit window.
• Provides programmable in-band loopback code detection.
• Supports line and path performance monitoring according to AT&T and ANSI specifications. Accumulators are provided for counting, ESF CRC-6 errors, Framing bit errors, Line Code Violations (LCVs), and Loss Of Frame (LOF) or change of frame alignment events.
• Extracts the data link in ESF, T1DM (DDS), or SLC®96 modes. Extracts selected channels.
• Provides a 2-frame elastic store buffer for jitter and wander attenuation.

APPLICATIONS
• T1/T3 Multiplexers and Digital Private Branch Exchanges (PBXs)
• T1 Frame Relay Interfaces
• T1 ATM Interfaces
• Fractional T1 Interfaces
• Digital Access and Cross-Connect Systems (DACS) and Electronic DSX Cross-Connect Systems (EDSXs)
• Digital Loop Carriers (DLCs)
• T1 Channel Service Units (CSUs) and Data Service Units (DSUs)
• ISDN Primary Rate Interfaces (PRIs)
• SONET Add/Drop Multiplexers (ADMs)




Similar Part No. - PM4344

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PM4344 PULSE-PM4344 Datasheet
1Mb / 4P
SMT Power Inductor
PM4344.102NLT PULSE-PM4344.102NLT Datasheet
1Mb / 4P
SMT Power Inductor
PM4344.103NLT PULSE-PM4344.103NLT Datasheet
1Mb / 4P
SMT Power Inductor
PM4344.104NLT PULSE-PM4344.104NLT Datasheet
1Mb / 4P
SMT Power Inductor
PM4344.132NLT PULSE-PM4344.132NLT Datasheet
1Mb / 4P
SMT Power Inductor
More results


Similar Description - PM4344

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4341A PMC-PM4341A Datasheet
1,015Kb / 2P
T1 FRAMER/TRANSCEIVER
PM4388 PMC-PM4388 Datasheet
63Kb / 2P
Octal T1 Framer
PM4388 PMC-PM4388 Datasheet
1Mb / 284P
OCTAL T1 FRAMER
logo
Dallas Semiconductor
DS21Q41B DALLAS-DS21Q41B Datasheet
714Kb / 61P
Quad T1 Framer
DS21Q42 DALLAS-DS21Q42 Datasheet
1Mb / 119P
Enhanced QUAD T1 FRAMER
logo
Cirrus Logic
CS62180 CIRRUS-CS62180 Datasheet
411Kb / 50P
T1 FRAMER
logo
Exar Corporation
XRT86VL34 EXAR-XRT86VL34_2 Datasheet
2Mb / 156P
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
logo
PMC-Sierra, Inc
PM4388-1 PMC-PM4388-1 Datasheet
74Kb / 2P
Octal T1 Framer
logo
Maxim Integrated Produc...
DS21Q42 MAXIM-DS21Q42 Datasheet
954Kb / 116P
Enhanced Quad T1 Framer
062602
DS21Q41B MAXIM-DS21Q41B Datasheet
713Kb / 61P
Quad T1 Framer
092299
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com