Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS21Q41B Datasheet (PDF) - Dallas Semiconductor

DS21Q41B Datasheet PDF - Dallas Semiconductor
Part # DS21Q41B
Download  DS21Q41B Download
File Size   714.47 Kbytes
Page   61 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Quad T1 Framer

DS21Q41B Datasheet (PDF)

Go To PDF Page Download Datasheet
DS21Q41B Datasheet PDF - Dallas Semiconductor

Part # DS21Q41B
Download  DS21Q41B Click to download

File Size   714.47 Kbytes
Page   61 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Quad T1 Framer

DS21Q41B Datasheet (HTML) - Dallas Semiconductor


DS21Q41B Product details

DESCRIPTION
The DS21Q41B combines four of the popular DS2141A T1 Controllers onto a single monolithic die. The “B” designation denotes that some new features are available in the Quad version that were not available in the single T1 device. The added features in the DS21Q41B are listed in Section 1. The DS21Q41B offers a substantial space savings to applications that require more than one T1 framer on a card. The Quad version is only slightly bigger than the single T1 device. All four framers in the DS21Q41B are totally independent, they do not share a common framing synchronizer. Also, the transmit and receive sides of each framer are totally independent. The dual two–frame elastic stores contained in each of the four framers can be independently enabled and disabled as required. The DS21Q41B meets all of the latest specifications including ANSI T1.403 (and the emerging T1.403–199X), ANSI T1.231–1993, AT&T TR62411, AT&T TR54016, ITU G.704 and G.706.

FEATURES
• Four T1 DS1/ISDN–PRI framing transceivers
• All four framers are fully independent
• Frames to D4, ESF, and SLC–96 formats
• 8–bit parallel control port that can be connected to either multiplexed or non–multiplexed buses
• Each of the four framers contains dual two–frame elastic stores that can connect to asynchronous or synchronous backplanes up to 8.192 MHz
• Extracts and inserts robbed bit signaling
• Framer and payload loopbacks
• Large counters for BPVs, LCVs, EXZs, CRC6, PCVs, F–bit errors and the number of multiframes out of sync
• Contains ANSI ones density monitor and enforcer
• CSU loop code generator and detector
• Programmable output clocks for Fractional T1, ISDN–PRI, Actual Size and per channel loopback applications
• Onboard FDL support circuitry
• Pin compatible with DS21Q43 Quad E1 Framer
• 5V supply; low power CMOS
• Available in 128–pin TQFP
• Industrial (–40°C to +85°C) grade version available (DS21Q41BTN)




Similar Part No. - DS21Q41B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21Q41B MAXIM-DS21Q41B Datasheet
713Kb / 61P
Quad T1 Framer
092299
More results


Similar Description - DS21Q41B

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4341A PMC-PM4341A Datasheet
1,015Kb / 2P
T1 FRAMER/TRANSCEIVER
PM4344 PMC-PM4344 Datasheet
80Kb / 2P
Quad T1 Framer
PM4388 PMC-PM4388 Datasheet
63Kb / 2P
Octal T1 Framer
PM4388 PMC-PM4388 Datasheet
1Mb / 284P
OCTAL T1 FRAMER
logo
Dallas Semiconductor
DS21Q42 DALLAS-DS21Q42 Datasheet
1Mb / 119P
Enhanced QUAD T1 FRAMER
logo
Cirrus Logic
CS62180 CIRRUS-CS62180 Datasheet
411Kb / 50P
T1 FRAMER
logo
Exar Corporation
XRT86VL34 EXAR-XRT86VL34_2 Datasheet
2Mb / 156P
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
logo
PMC-Sierra, Inc
PM4388-1 PMC-PM4388-1 Datasheet
74Kb / 2P
Octal T1 Framer
logo
Maxim Integrated Produc...
DS21Q42 MAXIM-DS21Q42 Datasheet
954Kb / 116P
Enhanced Quad T1 Framer
062602
DS21Q41B MAXIM-DS21Q41B Datasheet
713Kb / 61P
Quad T1 Framer
092299
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com