Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS548AM-03LF Datasheet (PDF) - Integrated Device Technology

ICS548AM-03LF Datasheet PDF - Integrated Device Technology
Part # ICS548AM-03LF
Download  ICS548AM-03LF Download
File Size   187.01 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description LOW SKEW CLOCK INVERTER AND DIVIDER

ICS548AM-03LF Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS548AM-03LF Datasheet PDF - Integrated Device Technology

Part # ICS548AM-03LF
Download  ICS548AM-03LF Click to download

File Size   187.01 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description LOW SKEW CLOCK INVERTER AND DIVIDER

ICS548AM-03LF Datasheet (HTML) - Integrated Device Technology


ICS548AM-03LF Product details

Description
The ICS548A-03 is a low cost, low skew, high-performance general purpose clock designed to produce a set of one output clock, one inverted output clock, and one clock divided-by-two. Using our patented Phase-Locked Loop (PLL) techniques, the device operates from a frequency range of 10 MHz to 120 MHz in the PLL mode, and up to 160 MHz in the non-PLL mode.
In applications that need to maintain low phase noise in the clock tree, the non-PLL (when S3=S2=1) modes should be used.
This chip is not a zero delay buffer. Many applications may be able to use the ICS527 for zero delay dividers.

Features
• Packaged in 16-pin SOIC (150 mil)
• Input clock up to 160 MHz in the non-PLL mode
• Provides clock outputs of CLK, CLK, and CLK/2
• Low skew (500 ps) on CLK, CLK, and CLK/2
• All outputs can be tri-stated
• Entire chip can be powered down by changing one or two select pins
• 3.3 V operating range
• Available in commercial and industrial temperature ranges
• RoHS 5 (green) or RoHS 6 (green and lead free) compliant package




Similar Part No. - ICS548AM-03LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS548A-03 RENESAS-ICS548A-03 Datasheet
327Kb / 8P
LOW SKEW CLOCK INVERTER AND DIVIDER
063006
More results


Similar Description - ICS548AM-03LF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC88913 MOTOROLA-MC88913 Datasheet
75Kb / 4P
LOW SKEW CMOS CLOCK DRIVER
logo
National Semiconductor ...
100315 NSC-100315 Datasheet
82Kb / 6P
Low-Skew Quad Clock Driver
logo
Semtech Corporation
E118AHF SEMTECH-E118AHF Datasheet
79Kb / 11P
Low Skew Clock Spreader
logo
Fairchild Semiconductor
100315 FAIRCHILD-100315 Datasheet
50Kb / 4P
Low Skew Quad Clock Driver
logo
Integrated Circuit Syst...
ICS548-03 ICST-ICS548-03 Datasheet
75Kb / 4P
Low Skew Clock Inverter and Divider
Revision 042700
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
Low skew, low jitter, PLL clock buffer with divider or multiplier
logo
Cypress Semiconductor
CY7B9910 CYPRESS-CY7B9910 Datasheet
162Kb / 7P
Low Skew Clock Buffer
CY7B9910 CYPRESS-CY7B9910_07 Datasheet
371Kb / 11P
Low Skew Clock Buffer
logo
Renesas Technology Corp
ICS8S73034I RENESAS-ICS8S73034I Datasheet
1Mb / 21P
Low Skew, ÷2, ÷4, ÷8 Differential-to-LVPECL Clock Divider
2019
ICS548A-03 RENESAS-ICS548A-03 Datasheet
327Kb / 8P
LOW SKEW CLOCK INVERTER AND DIVIDER
063006
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com