Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APDD-RF-0002 Datasheet (PDF) - Abracon Corporation

APDD-RF-0002 Datasheet PDF - Abracon Corporation
Part # APDD-RF-0002
Download  APDD-RF-0002 Download
File Size   1501.9 Kbytes
Page   9 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 2500 MHz 2-WAY RF POWER DIVIDER

APDD-RF-0002 Datasheet (PDF)

Go To PDF Page Download Datasheet
APDD-RF-0002 Datasheet PDF - Abracon Corporation

Part # APDD-RF-0002
Download  APDD-RF-0002 Click to download

File Size   1501.9 Kbytes
Page   9 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 2500 MHz 2-WAY RF POWER DIVIDER

APDD-RF-0002 Datasheet (HTML) - Abracon Corporation


APDD-RF-0002 Product details

Features
 Usable Bandwidth of 400 MHz
 Compact Package Size
 Low Insertion Loss

Applications
 WLAN, Bluetooth, LNB
 Turning circuit
 Mobile Applications




Similar Part No. - APDD-RF-0002

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
APDD-RF-0001 ABRACON-APDD-RF-0001 Datasheet
1Mb / 9P
2017.5 MHz 2-WAY RF POWER DIVIDER
REVISED: 10-12-23
APDD-RF-0003 ABRACON-APDD-RF-0003 Datasheet
1Mb / 9P
1663 MHz 2-WAY RF POWER DIVIDER
10-12-23
More results


Similar Description - APDD-RF-0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-309 MACOM-DS-309 Datasheet
123Kb / 1P
Eight-Way Power Divider 2 - 500 MHz
DS52-0007 MACOM-DS52-0007 Datasheet
40Kb / 2P
Low Cost Two-Way GMIC SMT Power Divider 2200 - 2500 MHz
logo
M/A-COM Technology Solu...
DS52-0007 MA-COM-DS52-0007 Datasheet
71Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider, 2200 - 2500 MHz
DS-309 MA-COM-DS-309 Datasheet
58Kb / 2P
Eight-Way Power Divider, 2 - 500 MHz
MAPDCC0010 MA-COM-MAPDCC0010 Datasheet
58Kb / 3P
Low Cost Two-Way GMIC SMT Power Divider, 2200 - 2500 MHz
MAPD-009278-5T1000 MA-COM-MAPD-009278-5T1000 Datasheet
126Kb / 2P
E-Series RF 2-Way Power Divider 5-1000 MHz
logo
American Accurate Compo...
JXWBGF-T-2-2490-2690 AAC-JXWBGF-T-2-2490-2690 Datasheet
60Kb / 1P
2-Way Power Divider
logo
Pasternack Enterprises,...
PE2071 PASTERNACK-PE2071 Datasheet
74Kb / 1P
N FEMALE POWER DIVIDER 2-WAY 800-2500 MHz
PE2073 PASTERNACK-PE2073 Datasheet
124Kb / 1P
N FEMALE POWER DIVIDER 4-WAY 800-2500 MHZ
logo
M/A-COM Technology Solu...
MAPD-009278-5T1000 MA-COM-MAPD-009278-5T1000_15 Datasheet
126Kb / 2P
RF 2-Way 0째 Power Divider
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com