Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMEG2005EB-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

PMEG2005EB-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMEG2005EB-Q
Download  PMEG2005EB-Q Download
File Size   175.92 Kbytes
Page   8 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, 500 mA low VF Schottky barrier diode

PMEG2005EB-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG2005EB-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMEG2005EB-Q
Download  PMEG2005EB-Q Click to download

File Size   175.92 Kbytes
Page   8 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, 500 mA low VF Schottky barrier diode

PMEG2005EB-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


PMEG2005EB-Q Product details

1. General description
Planar Schottky barrier diode, encapsulated in a SOD523 (SC-79) ultra small Surface-Mounted
Device (SMD) plastic package.

2. Features and benefits
• Forward current: 0.5 A
• Reverse voltage: 20 V
• Very low forward voltage
• Guard ring protected
• Ultra small SMD package
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Ultra high-speed switching
• Voltage clamping
• Protection circuits
• Low current rectification
• Low power consumption applications (e.g. handheld devices)




Similar Part No. - PMEG2005EB-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2005EB PHILIPS-PMEG2005EB Datasheet
55Kb / 8P
Low VF MEGA Schottky barrier diode
2003 Apr 04
PMEG2005EB PHILIPS-PMEG2005EB Datasheet
57Kb / 8P
20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package
2003 Dec 03
PMEG2005EB NXP-PMEG2005EB Datasheet
104Kb / 7P
Low VF MEGA Schottky barrier diode
2003 Apr 04
logo
Nexperia B.V. All right...
PMEG2005EB NEXPERIA-PMEG2005EB Datasheet
174Kb / 8P
Low VF MEGA Schottky barrier diode
27 September 2019
logo
NXP Semiconductors
PMEG2005EB PHILIPS-PMEG2005EB_15 Datasheet
104Kb / 7P
Low VF MEGA Schottky barrier diode
2003 Apr 04
More results


Similar Description - PMEG2005EB-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3005CT.215 NXP-PMEG3005CT.215 Datasheet
354Kb / 14P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
PMEG2005CT PHILIPS-PMEG2005CT_15 Datasheet
353Kb / 14P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-22 June 2010
PMEG3005CT PHILIPS-PMEG3005CT_15 Datasheet
354Kb / 14P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2-20 September 2010
logo
ON Semiconductor
NSR05T40P2 ONSEMI-NSR05T40P2 Datasheet
68Kb / 5P
500 mA, 40 V Schottky Barrier Diode
July, 2015 ??Rev. 1
NSR05T40P2 ONSEMI-NSR05T40P2_16 Datasheet
61Kb / 5P
500 mA, 40 V Schottky Barrier Diode
August, 2016 ??Rev. 2
NSR05T404MX ONSEMI-NSR05T404MX Datasheet
69Kb / 5P
500 mA, 40 V Schottky Barrier Diode
August, 2017 ??Rev. P1
NSR05402 ONSEMI-NSR05402 Datasheet
330Kb / 5P
500 mA, 40 V Schottky Barrier Diode
June, 2019 ??Rev. 0
NSR05T30XV2 ONSEMI-NSR05T30XV2 Datasheet
133Kb / 6P
500 mA, 30 V Schottky Barrier Diode
April, 2017 - Rev. 0
logo
Nexperia B.V. All right...
PMEG4005CT-Q NEXPERIA-PMEG4005CT-Q Datasheet
262Kb / 13P
40 V, 500 mA low VF dual Schottky barrier rectifier
1 December 2022
PMEG3005CT NEXPERIA-PMEG3005CT Datasheet
453Kb / 15P
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2 - 20 September 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com