Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMEG2005EB Datasheet (PDF) - NXP Semiconductors

PMEG2005EB Datasheet PDF - NXP Semiconductors
Part # PMEG2005EB
Download  PMEG2005EB Download
File Size   57.91 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package

PMEG2005EB Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG2005EB Datasheet PDF - NXP Semiconductors

Part # PMEG2005EB
Download  PMEG2005EB Click to download

File Size   57.91 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package

PMEG2005EB Datasheet (HTML) - NXP Semiconductors


PMEG2005EB Product details

DESCRIPTION
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier with an integrated guard ring for stress protection, encapsulated in a SOD523 (SC-79) ultra small plastic SMD package.

FEATURES
• Forward current: 1.0 A
• Reverse voltage: 20 V
• Ultra low forward voltage
• Ultra small SMD package.

APPLICATIONS
• Low voltage rectification
• High efficiency DC/DC conversion
• Voltage clamping
• Inverse-polarity protection
• Low power consumption applications.




Similar Part No. - PMEG2005EB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2005EB PHILIPS-PMEG2005EB Datasheet
55Kb / 8P
Low VF MEGA Schottky barrier diode
2003 Apr 04
PMEG2005EB NXP-PMEG2005EB Datasheet
104Kb / 7P
Low VF MEGA Schottky barrier diode
2003 Apr 04
logo
Nexperia B.V. All right...
PMEG2005EB NEXPERIA-PMEG2005EB Datasheet
174Kb / 8P
Low VF MEGA Schottky barrier diode
27 September 2019
PMEG2005EB-Q NEXPERIA-PMEG2005EB-Q Datasheet
175Kb / 8P
20 V, 500 mA low VF Schottky barrier diode
2 October 2024
logo
NXP Semiconductors
PMEG2005EB PHILIPS-PMEG2005EB_15 Datasheet
104Kb / 7P
Low VF MEGA Schottky barrier diode
2003 Apr 04
More results


Similar Description - PMEG2005EB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2010AEB NXP-PMEG2010AEB Datasheet
114Kb / 8P
20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package
2003 Dec 03
PMEG2010AEJ NXP-PMEG2010AEJ Datasheet
111Kb / 9P
20 V, 1 A very low VF MEGA Schottky barrier rectifier in SOD323F package
Rev. 03-15 January 2010
PMEG4002EB NXP-PMEG4002EB Datasheet
102Kb / 8P
0.2 A very low VF MEGA Schottky barrier rectifier in SOD523 package
Rev. 02-13 January 2010
PMEG2010EPK PHILIPS-PMEG2010EPK Datasheet
1Mb / 13P
20 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 1-20 January 2012
PMEG2010AEB PHILIPS-PMEG2010AEB_15 Datasheet
114Kb / 8P
20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package
2003 Dec 03
PMEG2010AEJ PHILIPS-PMEG2010AEJ_15 Datasheet
111Kb / 9P
20 V, 1 A very low VF MEGA Schottky barrier rectifier in SOD323F package
Rev. 03-15 January 2010
PMEG2010EPAS PHILIPS-PMEG2010EPAS_15 Datasheet
231Kb / 15P
20 V, 1 A low VF MEGA Schottky barrier rectifier
19 January 2015
logo
Nexperia B.V. All right...
PMEG2010EPAS NEXPERIA-PMEG2010EPAS Datasheet
713Kb / 15P
20 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG2010BELD-Q NEXPERIA-PMEG2010BELD-Q Datasheet
244Kb / 12P
20 V, 1 A low VF MEGA Schottky barrier rectifier
18 May 2021
PMEG2010AEJ NEXPERIA-PMEG2010AEJ Datasheet
645Kb / 9P
20 V, 1 A very low VF MEGA Schottky barrier rectifier in SOD323F package
Rev. 03 - 15 January 2010
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com