Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMEG2005EB Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMEG2005EB
Description  20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG2005EB Datasheet(HTML) 5 Page - NXP Semiconductors

  PMEG2005EB Datasheet HTML 1Page - NXP Semiconductors PMEG2005EB Datasheet HTML 2Page - NXP Semiconductors PMEG2005EB Datasheet HTML 3Page - NXP Semiconductors PMEG2005EB Datasheet HTML 4Page - NXP Semiconductors PMEG2005EB Datasheet HTML 5Page - NXP Semiconductors PMEG2005EB Datasheet HTML 6Page - NXP Semiconductors PMEG2005EB Datasheet HTML 7Page - NXP Semiconductors PMEG2005EB Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2003 Dec 03
5
Philips Semiconductors
Product specification
20 V, 1 A ultra low VF MEGA Schottky
barrier rectifier in SOD523 package
PMEG2010AEB
GRAPHICAL DATA
com001
1
10
102
103
IF
(mA)
10−1
VF (V)
0
0.8
0.6
0.2
0.4
(1)
(2)
(3)
Fig.2
Forward current as a function of forward
voltage; typical values.
(1) Tamb =85 °C.
(2) Tamb =25 °C.
(3) Tamb = −40 °C.
handbook, halfpage
MLE228
08
16
VR (V)
IR
(
µA)
24
105
104
103
102
10
1
10−1
(1)
(2)
(3)
Fig.3
Reverse current as a function of reverse
voltage; typical values.
(1) Tamb =85 °C.
(2) Tamb =25 °C.
(3) Tamb = −40 °C.
VR (V)
020
15
510
com002
10
20
25
15
5
30
Cd
(pF)
0
Fig.4
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tamb =25 °C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com