Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMEG2005EB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMEG2005EB
Description  20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG2005EB Datasheet(HTML) 2 Page - NXP Semiconductors

  PMEG2005EB Datasheet HTML 1Page - NXP Semiconductors PMEG2005EB Datasheet HTML 2Page - NXP Semiconductors PMEG2005EB Datasheet HTML 3Page - NXP Semiconductors PMEG2005EB Datasheet HTML 4Page - NXP Semiconductors PMEG2005EB Datasheet HTML 5Page - NXP Semiconductors PMEG2005EB Datasheet HTML 6Page - NXP Semiconductors PMEG2005EB Datasheet HTML 7Page - NXP Semiconductors PMEG2005EB Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2003 Dec 03
2
Philips Semiconductors
Product specification
20 V, 1 A ultra low VF MEGA Schottky
barrier rectifier in SOD523 package
PMEG2010AEB
FEATURES
• Forward current: 1.0 A
• Reverse voltage: 20 V
• Ultra low forward voltage
• Ultra small SMD package.
APPLICATIONS
• Low voltage rectification
• High efficiency DC/DC conversion
• Voltage clamping
• Inverse-polarity protection
• Low power consumption applications.
DESCRIPTION
Planar Maximum Efficiency General Application (MEGA)
Schottky barrier rectifier with an integrated guard ring for
stress protection, encapsulated in a SOD523 (SC-79) ultra
small plastic SMD package.
QUICK REFERENCE DATA
PINNING
SYMBOL
PARAMETER
MAX.
UNIT
IF
forward current
1
A
VR
reverse voltage
20
V
PIN
DESCRIPTION
1
cathode
2
anode
12
Top view
col001
Fig.1
Simplified outline (SOD523; SC-79) and
symbol.
Marking code: L6.
The marking bar indicates the cathode.
ORDERING INFORMATION
RELATED PRODUCTS
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PMEG2010AEB
−
plastic surface mounted package; 2 leads
SOD523
TYPE
DESCRIPTION
FEATURE
PMEG2005EB
0.5 A; 20 V very low VF MEGA Schottky rectifier Lower IR in same package
PMEG2010EA
1 A; 20 V very low VF MEGA Schottky rectifier
Lower forward current, lower IR SOD323
(SC76)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com