Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMEG2005EB Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMEG2005EB
Description  20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG2005EB Datasheet(HTML) 6 Page - NXP Semiconductors

  PMEG2005EB Datasheet HTML 1Page - NXP Semiconductors PMEG2005EB Datasheet HTML 2Page - NXP Semiconductors PMEG2005EB Datasheet HTML 3Page - NXP Semiconductors PMEG2005EB Datasheet HTML 4Page - NXP Semiconductors PMEG2005EB Datasheet HTML 5Page - NXP Semiconductors PMEG2005EB Datasheet HTML 6Page - NXP Semiconductors PMEG2005EB Datasheet HTML 7Page - NXP Semiconductors PMEG2005EB Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2003 Dec 03
6
Philips Semiconductors
Product specification
20 V, 1 A ultra low VF MEGA Schottky
barrier rectifier in SOD523 package
PMEG2010AEB
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOD523V
SC-79
00-12-07
02-04-19
Plastic surface mounted package; 2 leads
SOD523V
0
0.5
1 mm
scale
D
12
HE
E
bp
A
c
v M A
A
UNIT
bp
cD
E
v
mm
0.34
0.26
0.17
0.11
0.1
0.85
0.75
1.25
1.15
A
0.65
0.58
HE
1.65
1.55
DIMENSIONS (mm are the original dimensions)
Note
1. The marking bar indicates the cathode.
(1)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com