Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMI8870 Datasheet (PDF) - Toll Microelectronic

TMI8870 Datasheet PDF - Toll Microelectronic
Part # TMI8870
Download  TMI8870 Download
File Size   643.86 Kbytes
Page   10 Pages
Manufacturer  TOLL [Toll Microelectronic]
Direct Link  https://en.toll-semi.com/
Logo TOLL - Toll Microelectronic
Description 3.6-A Brushed DC Motor Driver

TMI8870 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMI8870 Datasheet PDF - Toll Microelectronic

Part # TMI8870
Download  TMI8870 Click to download

File Size   643.86 Kbytes
Page   10 Pages
Manufacturer  TOLL [Toll Microelectronic]
Direct Link  https://en.toll-semi.com/
Logo TOLL - Toll Microelectronic
Description 3.6-A Brushed DC Motor Driver

TMI8870 Datasheet (HTML) - Toll Microelectronic


TMI8870 Product details

FEATURES
⚫ H-Bridge Motor Driver
Drives One DC Motor, One Winding of a Stepper
Motor, or Other Loads
⚫ Wide 6.8V to 45V Operating Voltage
⚫ 3.6-A Peak Current Drive
⚫ PWM Control Interface
⚫ Integrated Current Regulation
⚫ Low-Power Sleep Mode
⚫ VM Undervoltage Lockout (UVLO)
⚫ Overcurrent Protection (OCP)
- Retry after OCP: TMI8870
- Latch after OCP: TMI8870B
⚫ Thermal Shutdown (TSD)
⚫ Automatic Fault Recovery
⚫ ESOP8 Small Package and Footprint

APPLICATIONS
⚫ Printers
⚫ Appliances
⚫ Industrial Equipment
⚫ Other Mechatronics Applications

GENERAL DESCRIPTION
The TMI8870/B device are the brushed-DC motor
drivers for printers, appliances, industrial
equipment, and other small machines. Two logic
inputs control the H-bridge driver, which consists of
four N-channel MOSFETs that can control motors
bidirectionally with up to 3.6-A peak current. The
inputs can be pulse width modulated (PWM) to
control motor speed, using a choice of currentdecay modes. Setting both inputs slow enter a lowpower sleep mode.
The TMI8870/B devices feature integrated current
regulation, based on the analog input VREF and the
voltage on the ISEN pin, which is proportional to
motor current through an external sense resistor.
The ability to limit current to a known level can
significantly reduce the system power
requirements and bulk capacitance needed to
maintain stable voltage, especially for motor
startup and stall conditions.
The devices are fully protected from faults and
short circuits, including UVLO,OCP, and TSD.




Similar Part No. - TMI8870

ManufacturerPart #DatasheetDescription
logo
Toll Microelectronic
TMI3252 TOLL-TMI3252 Datasheet
894Kb / 15P
600kHz 18V 2A Synchronous COT Step-Down Converter
Rev. 0.1 - 2019.02
TMI3252S TOLL-TMI3252S Datasheet
894Kb / 15P
600kHz 18V 2A Synchronous COT Step-Down Converter
Rev. 0.1 - 2019.02
TMI3252T TOLL-TMI3252T Datasheet
894Kb / 15P
600kHz 18V 2A Synchronous COT Step-Down Converter
Rev. 0.1 - 2019.02
TMI3351 TOLL-TMI3351 Datasheet
1Mb / 18P
Wide Input Range Buck Converter With Integrated Synchronous 2-Switchs
V0.4 2023.1
TMI7303B TOLL-TMI7303B Datasheet
1Mb / 15P
802.3af/at Power over Ethernet PoE Powered Device (PD) Controller
V1.2 2024.01
More results


Similar Description - TMI8870

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8872 TI-DRV8872_15 Datasheet
1Mb / 25P
DRV8872 3.6-A Brushed DC Motor Driver With Fault Reporting (PWM Control)
DRV8870 TI-DRV8870_15 Datasheet
1Mb / 25P
DRV8870 3.6-A Brushed DC Motor Driver (PWM Control)
DRV8871 TI-DRV8871_15 Datasheet
1Mb / 25P
DRV8871 3.6-A Brushed DC Motor Driver With Internal Current Sense (PWM Control)
DRV8870 TI1-DRV8870_16 Datasheet
1Mb / 25P
Brushed DC Motor Driver
logo
NXP Semiconductors
MC33HB2001FK NXP-MC33HB2001FK Datasheet
2Mb / 48P
10 A H-Bridge, SPI programmable brushed DC motor driver
Rev. 6.0-3 May 2016
logo
Texas Instruments
DRV8872-Q1 TI1-DRV8872-Q1 Datasheet
1Mb / 25P
Automotive 3.6-A Brushed DC Motor Driver With Fault Reporting
DRV8871-Q1 TI1-DRV8871-Q1 Datasheet
728Kb / 23P
3.6-A Brushed DC Motor Driver With Internal Current Sense (PWM Control)
logo
Princeton Technology Co...
PT2470 PTC-PT2470 Datasheet
308Kb / 4P
3.6-A Brushed DC Motor Driver (PWM Control)
logo
STMicroelectronics
STSPIN840 STMICROELECTRONICS-STSPIN840 Datasheet
720Kb / 28P
Compact dual brushed DC motor driver
Rev 1
logo
Diodes Incorporated
ZXBM5408Q DIODES-ZXBM5408Q Datasheet
1Mb / 16P
BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
September 2022 Rev. 2 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com