Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6388 Datasheet (PDF) - PMC-Sierra, Inc

PM6388 Datasheet PDF - PMC-Sierra, Inc
Part # PM6388
Download  PM6388 Download
File Size   66.38 Kbytes
Page   4 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Octal E1 Framer

PM6388 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM6388 Datasheet PDF - PMC-Sierra, Inc

Part # PM6388
Download  PM6388 Click to download

File Size   66.38 Kbytes
Page   4 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Octal E1 Framer

PM6388 Datasheet (HTML) - PMC-Sierra, Inc


PM6388 Product details

FEATURES
• Integrates eight E1 framers in a single device for terminating duplex E1
   signals.
• Supports transfer of PCM data to/from 2.048 MHz system-side devices. Also
   supports a fractional E1 system interface with independent ingress/egress
   fractional E1 rates.
• Provides an optional backplane interface which is compatible with Mitel ST®-
   bus, AT&T CHI® and MVIP PCM backplanes, supporting data rates of
   2.048 Mbit/s and 8.192 Mbit/s. Up to four links may be byte interleaved on
   each interface bus with no external circuitry.
• Extracts/inserts up to three HDLC links from/to arbitrary time slots to support
   the D-channel for ISDN Primary Rate Interfaces and the C-channels for
   V5.1/V5.2 interfaces as per ITU-T G.964, ITU-T G.965, ETS 300-324-1, and
   ETS 300-347-1.
• Provides jitter attenuation in the receive and transmit directions.
• Provides per-channel payload loopback and per link diagnostic and line
   loopbacks.
• Provides an integral pattern generator/detector that may be programmed to
   generate and detect common pseudo-random (as recommended in ITU-T
   O.151) or repetitive sequences. The programmed sequence may be
   inserted/detected in the entire E1 frame, or on a fractional E1 basis, in both
   the ingress and egress directions. Each framer possesses its own
   independent pattern generator/detector, and each detector counts pattern
   errors using a 32-bit saturating error counter.
• Provides signaling extraction and insertion on a per-channel basis.
• Software compatible with the PM6341 E1XC Single E1 Transceiver, the
   PM6344 EQUAD Quad E1 Framer, the PM4388 TOCTL Octal T1 Framer, and
   PM4351 COMET Combined E1/T1 Transceiver.
• Seamless interface to the PM4314 QDSX Quad Line Interface.
• Provides a IEEE P1149.1 (JTAG) compliant test access port (TAP) and
   controller for boundary scan test.
• Provides an 8-bit microprocessor bus interface for configuration, control, and
   status monitoring.
• Low power 3.3V CMOS technology with 5V tolerant inputs.
• Available in a 128 pin PQFP (14 mm by 20 mm) package.
• Provides a -40°C to +85°C Industrial temperature operating range.

APPLICATIONS
• High density Internet E1 interfaces for multiplexers, switches, routers and digital modems.
• Frame Relay switches and access devices (FRADS)
• SONET/SDH Add Drop Multiplexers
• Digital Private Branch Exchanges (PBX)
• E1 Channel Service Units (CSU) and Data Service Units (DSU)
• E1 Channel Banks and Multiplexers
• Digital Access and Cross-Connect Systems (DACS)




Similar Part No. - PM6388

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM6388 PMC-PM6388 Datasheet
2Mb / 345P
OCTAL E1 FRAMER
PM6388 PMC-PM6388 Datasheet
56Kb / 2P
Octal E1 Framer
PM6388-1 PMC-PM6388-1 Datasheet
56Kb / 2P
Octal E1 Framer
PM6388-RI PMC-PM6388-RI Datasheet
2Mb / 345P
OCTAL E1 FRAMER
More results


Similar Description - PM6388

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM6388 PMC-PM6388 Datasheet
2Mb / 345P
OCTAL E1 FRAMER
logo
Agere Systems
TFRA08C13 AGERE-TFRA08C13 Datasheet
2Mb / 188P
TFRA08C13 OCTAL T1/E1 Framer
October 2000
logo
Zarlink Semiconductor I...
MT9072 ZARLINK-MT9072 Datasheet
3Mb / 275P
Octal T1/E1/J1 Framer
logo
Dallas Semiconductor
DS26401 DALLAS-DS26401 Datasheet
1Mb / 309P
Octal T1/E1/J1 Framer
logo
Integrated Device Techn...
IDT82V2108 IDT-IDT82V2108 Datasheet
1Mb / 272P
T1 / E1 / J1 OCTAL FRAMER
logo
Exar Corporation
XRT84L38 EXAR-XRT84L38 Datasheet
4Mb / 451P
OCTAL T1/E1/J1 FRAMER
XRT84L38 EXAR-XRT84L38_06 Datasheet
5Mb / 453P
OCTAL T1/E1/J1 FRAMER
XRT86VL38 EXAR-XRT86VL38_07 Datasheet
2Mb / 183P
OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
logo
PMC-Sierra, Inc
PM6388-1 PMC-PM6388-1 Datasheet
56Kb / 2P
Octal E1 Framer
logo
Renesas Technology Corp
IDT82V2108 RENESAS-IDT82V2108 Datasheet
1Mb / 293P
T1 / E1 / J1 Octal Framer
November 26, 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com