Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6388 Datasheet (PDF) - PMC-Sierra, Inc

PM6388 Datasheet PDF - PMC-Sierra, Inc
Part # PM6388
Download  PM6388 Download
File Size   56.52 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Octal E1 Framer

PM6388 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM6388 Datasheet PDF - PMC-Sierra, Inc

Part # PM6388
Download  PM6388 Click to download

File Size   56.52 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Octal E1 Framer

PM6388 Datasheet (HTML) - PMC-Sierra, Inc


PM6388 Product details

FEATURES
• Monolithic single-chip device that integrates eight datacom E1 framers and transmitters for terminating duplex E1 signals.
• Frames to ITU-T G.704 basic and CRC-4 multiframe formatted E1 signals and is consistent with ITU-T G.706 specifications.
• Extracts/inserts up to three HDLC links from/to arbitrary time slots to support the D-channel for ISDN Primary Rate Interfaces, the datalink in the National Use Bits and the C-channels for V5.1/ V5.2 interfaces as per ITU-T G.964, ITU-T G.965, ETS 300-324-1, and ETS 300-347-1.
• Provides an optional backplane interface which is compatible with Mitel ST®-bus, AT&T CHI® and MVIP PCM backplanes, supporting data rates of 2.048 Mbit/s and 8.192 Mbit/s.
• Supports transfer of PCM data to and from 2.048 Mbit/s backplane buses.
• Supports fractional E1 backplane interface.
• Provides jitter attenuation in both the receive and transmit directions.
• Provides per-timeslot line loopback and per-link diagnostic and line loopbacks.
• Provides signaling extraction and insertion on a per-channel basis.
• Provides a Pseudo Random Binary Sequence (PRBS) generator and detector which may be configured for insertion/detection on a per-timeslot or multiple timeslot basis.
• Software-compatible with the PM6341 E1XC Single E1 Transceiver, the PM6344 EQUAD Quad E1 Framer, the PM4388 TOCTL Octal T1 Framer, and PM4351 COMET Combined E1/T1 Transceiver.
• Pin-compatible with the PM4388 TOCTL with a seamless interface to the PM4314 QDSX quad line interface unit.
• Provides an 8-bit microprocessor bus interface for configuration, control, and status monitoring.
• Low power 3.3 V CMOS technology with 5 V tolerant inputs.
• Supports standard 5-signal P1149.1 JTAG boundary scan.
• Provides a -40 to +85° industrial temperature operating range.
• Available in a rectangular 128-pin PQFP (14 by 20 mm) package.

APPLICATIONS
• High density Internet E1 interfaces for multiplexers, switches, routers, and digital modems
• Frame Relay Switches and Access Devices (FRADS)
• Digital Access and Cross-Connect Systems (DACS)
• SDH Add/Drop Multiplexers (ADMs)




Similar Part No. - PM6388

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM6388 PMC-PM6388 Datasheet
66Kb / 4P
Octal E1 Framer
PM6388 PMC-PM6388 Datasheet
2Mb / 345P
OCTAL E1 FRAMER
PM6388-RI PMC-PM6388-RI Datasheet
2Mb / 345P
OCTAL E1 FRAMER
More results


Similar Description - PM6388

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM6388 PMC-PM6388 Datasheet
66Kb / 4P
Octal E1 Framer
PM6388 PMC-PM6388 Datasheet
2Mb / 345P
OCTAL E1 FRAMER
logo
Agere Systems
TFRA08C13 AGERE-TFRA08C13 Datasheet
2Mb / 188P
TFRA08C13 OCTAL T1/E1 Framer
October 2000
logo
Zarlink Semiconductor I...
MT9072 ZARLINK-MT9072 Datasheet
3Mb / 275P
Octal T1/E1/J1 Framer
logo
Dallas Semiconductor
DS26401 DALLAS-DS26401 Datasheet
1Mb / 309P
Octal T1/E1/J1 Framer
logo
Integrated Device Techn...
IDT82V2108 IDT-IDT82V2108 Datasheet
1Mb / 272P
T1 / E1 / J1 OCTAL FRAMER
logo
Exar Corporation
XRT84L38 EXAR-XRT84L38 Datasheet
4Mb / 451P
OCTAL T1/E1/J1 FRAMER
XRT84L38 EXAR-XRT84L38_06 Datasheet
5Mb / 453P
OCTAL T1/E1/J1 FRAMER
XRT86VL38 EXAR-XRT86VL38_07 Datasheet
2Mb / 183P
OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
logo
Renesas Technology Corp
IDT82V2108 RENESAS-IDT82V2108 Datasheet
1Mb / 293P
T1 / E1 / J1 Octal Framer
November 26, 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com