Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM68645-Q1 Datasheet (PDF) - Texas Instruments

LM68645-Q1 Datasheet PDF - Texas Instruments
Part # LM68645-Q1
Download  LM68645-Q1 Download
File Size   683.77 Kbytes
Page   11 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM686x5-Q1 High Performance, Functional Safety Power Converter, 3V to 70V, Pin-Compatible, 2.5A/3.5A/4.5A, Automotive, Low EMI, Synchronous Buck Converter

LM68645-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM68645-Q1 Datasheet PDF - Texas Instruments

Part # LM68645-Q1
Download  LM68645-Q1 Click to download

File Size   683.77 Kbytes
Page   11 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM686x5-Q1 High Performance, Functional Safety Power Converter, 3V to 70V, Pin-Compatible, 2.5A/3.5A/4.5A, Automotive, Low EMI, Synchronous Buck Converter

LM68645-Q1 Datasheet (HTML) - Texas Instruments


LM68645-Q1 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• Functional Safety-Compliant
– Developed for functional safety applications
– Documentation to aid with ISO26262 compliant
designs planned
– Systematic capability up to ASIL-D
– Hardware capability up to ASIL-C
– Analog built-in-self-test at start-up
– Redundant and fast (0.35μs) VOUT monitor
– Feedback path failure detection
– Redundant temperature sensor
– Excellent pin FMEA and pin spacing
• Wide input voltage range: 3V to 70V
• Designed for low EMI requirements
– Facilitates CISPR 25 class 5 compliance
– ±5% dual-random spread spectrum
– Enhanced HotRod™ QFN package with
symmetrical pinout
– Switching frequency from 300kHz to 2.2MHz
– Pin-configurable 400kHz and 2.2MHz
– Pin-configurable AUTO or FPWM operation
• Low minimum on time: 40ns (maximum)
– Enables 36V to 3.3V conversion at 2.2MHz
• High-efficiency power conversion at all loads
– > 94% peak efficiency at 24VIN, 5VOUT, 400kHz
– 2.5μA PFM no-load input current
• High power density
– Internal compensation, current limit, and TSD
– 3.6mm × 2.6mm, wettable flank, 20-pin
package
– Pin compatible with LM656x5-Q1
– ϴJA = 25.5°C/W (LM65645-Q1EVM)
• Create a custom design using the with the
WEBENCH® Power Designer

2 Applications
• Advanced Driver Assistance Systems (ADAS)
• Automotive infotainment and cluster
• Hybrid, electric, and powertrain systems

3 Description
The LM686x5-Q1 are a family of automotive buck
converters designed for high efficiency, high power
density, and ultra-low electromagnetic interference
(EMI). The converters operate over a wide input
voltage range of 3V to 70V (75V tolerant) reducing
the need for external input surge protection. The
LM686x5-Q1 comes with pin selectable fixed output
voltages of 3.3V and 5V or in adjustable configuration.
The low EMI operation is enabled with minimized loop
inductance and optimized switch node slew rate. The
current-mode control architecture with a 30ns typical
minimum on-time allows high conversion ratios at high
frequencies coupled with a fast transient response
and excellent load and line regulation.
The LM686x5-Q1 buck converters are specifically
intended for functional safety relevant applications.
An array of safety features including ABIST at startup,
redundant and fast VOUT monitoring, feedback
path failure detection, redundant temperature sensor,
thermal shutdown, and current limiting significantly
reduce the residual failure-in-time (FIT).




Similar Part No. - LM68645-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM68645-Q1 TI2-LM68645-Q1 Datasheet
799Kb / 14P
LM686x5-Q1 High Performance, Functional Safety Power Converter, 3V to 70V, Pin-Compatible, 2.5A/3.5A/4.5A, Automotive, Low EMI, Synchronous Buck Converter
OCTOBER 2024
LM68645-Q1 TI2-LM68645-Q1 Datasheet
686Kb / 15P
LM686x5-Q1 65V, 2.5A/3.5A/4.5A, Automotive Synchronous Buck DC/DC Converters With Low-EMI ZEN 1 Switcher Technology Optimized for Safety-Relevant Applications
REVISED NOVEMBER 2025
More results


Similar Description - LM68645-Q1

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5640 GMT-G5640 Datasheet
637Kb / 1P
2.5A Buck Converter
logo
BCD Semiconductor Manuf...
AP3436 BCDSEMI-AP3436 Datasheet
532Kb / 15P
3A, 1.25MHz High Performance Synchronous Buck Converter
logo
Analog Microelectronics
AME5235 AME-AME5235 Datasheet
794Kb / 15P
40V 3.5A Buck Converter
logo
Global Mixed-mode Techn...
G5644 GMT-G5644 Datasheet
161Kb / 1P
2.5A Buck Converter
logo
Lowpower Semiconductor ...
LP6493 POWER-LP6493 Datasheet
425Kb / 6P
30V 3.5A Synchronous Buck Converter
logo
Major-Power Technology ...
MA5605 MPOWER-MA5605 Datasheet
462Kb / 9P
36V 4.5A Synchronous Buck Converter
logo
Diodes Incorporated
AP63356Q DIODES-AP63356Q Datasheet
1Mb / 28P
AUTOMOTIVE-COMPLIANT, 32V, 3.5A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev 1
logo
Texas Instruments
LM61495-Q1 TI-LM61495-Q1_V02 Datasheet
4Mb / 64P
LM62460-Q1, LM61480-Q1, and LM61495-Q1 Pin-Compatible 6-A/8-A/10-A Automotive Buck Converter Optimized for Power Density and Low EMI
REVISED AUGUST 2021
logo
Diodes Incorporated
AP62250 DIODES-AP62250 Datasheet
1Mb / 21P
4.2V TO 18V INPUT, 2.5A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 January 2021
logo
Analog Devices
MAX42402 AD-MAX42402 Datasheet
1Mb / 16P
36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com