Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS3423 Datasheet (PDF) - Texas Instruments

TPS3423 Datasheet PDF - Texas Instruments
Part # TPS3423
Download  TPS3423 Download
File Size   1726.95 Kbytes
Page   26 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS3423, TPS3424, Nano-Power, Push-Button Controllers With Configurable Delay to enable Battery Freshness Seal

TPS3423 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3423 Datasheet PDF - Texas Instruments

Part # TPS3423
Download  TPS3423 Click to download

File Size   1726.95 Kbytes
Page   26 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS3423, TPS3424, Nano-Power, Push-Button Controllers With Configurable Delay to enable Battery Freshness Seal

TPS3423 Datasheet (HTML) - Texas Instruments


TPS3423 Product details

1 Features
• Operating voltage range: 1V to 6V
• Nano supply current: 22nA (typical)
• HBM ESD rating on push-button pin: 10kV
• Programmable short press and long press duration
– TPS3423, TPS3424 fixed timing options:
• Short press duration: 50msec to 13 sec
• Long press duration: 1sec to 30 sec
• Timer accuracy (max): 10 %
– TPS3424: user-programmable option (50 msec
to 50 sec) through external capacitor
• Output configurations:
– RESET configurations:
• Push-pull / open-drain, active high / low
• Latched / non-latched
• 100msec to 1sec pulse option for nonlatched
version
– INT configurations:
• open drain, active low
• non-latched (100msec to 1sec pulse
duration)
• Kill feature: used as feedback from the host to deassert
RESET
• Available in pin compatible 8 pin and 6 pin DRL
package

2 Applications
• Wearables
• Gaming consoles
• Home theater entertainment
• Printers
• Health care
• Portable electronics
• Factory automation & control

3 Description
TPS3423 and TPS3424 are push-button controllers
which offer wide range of independent short press
and long press functionality. These devices offer up to
two outputs per push-button (RESET and INT), which
can be used for various use cases including enabling
the voltage regulator or circuit breakers, sending an
interrupt to micro controller and generating logic. The
device generates an interrupt pulse both for short
press and long press notifying the micro controller.
RESET output changes the state based on the device
configuration.
By controlling the power tree running off the battery,
TPS3423/4 extends battery life and prolongs device
shelf life. This feature is also known as battery
freshness seal.
TPS3423/4 are offered in fixed timing options for short
and long press durations. To provide flexibility to the
designer, TPS3424 also offers user-programmable
short and long press durations through an external
capacitor. Kill pin in TPS3424 enables feedback
from the microcontroller to asynchronously de-assert
RESET.




Similar Part No. - TPS3423

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3423 TI-TPS3423 Datasheet
1Mb / 27P
TPS3423, TPS3424, Nano-Power, Push-Button Controllers With Configurable Delay to enable Battery Freshness Seal
SEPTEMBER 2024
TPS3423 TI-TPS3423 Datasheet
1Mb / 30P
TPS3423, TPS3424, Nano-Power, Push-Button Controllers With Configurable Delay to Enable Battery Freshness Seal
DECEMBER 2024
TPS3423 TI2-TPS3423 Datasheet
1Mb / 28P
TPS3423, TPS3424, Nano-Power, Push-Button Controllers With Configurable Delay to Enable Battery Freshness Seal
REVISED AUGUST 2025
TPS3423 TI2-TPS3423 Datasheet
1Mb / 31P
TPS3423, TPS3424, Nano-Power, Push-Button Controllers With Configurable Delay to Enable Battery Freshness Seal
Enable Battery Freshness Seal
TPS3423CAHDFADRLR TI2-TPS3423CAHDFADRLR Datasheet
1Mb / 28P
TPS3423, TPS3424, Nano-Power, Push-Button Controllers With Configurable Delay to Enable Battery Freshness Seal
REVISED AUGUST 2025
More results


Similar Description - TPS3423

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
Dual push-button Smart Reset??with push-button controlled output delay
31-May-2010
logo
Texas Instruments
TPS3420 TI-TPS3420 Datasheet
855Kb / 19P
Low-Power, Push-Button Controllers with Configurable Delay
TPS3899-Q1 TI-TPS3899-Q1 Datasheet
1Mb / 28P
TPS3899-Q1 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
TPS3899-Q1 TI-TPS3899-Q1_V01 Datasheet
2Mb / 33P
TPS3899-Q1 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
SEPTEMBER 2021
TPS3899 TI-TPS3899_V02 Datasheet
2Mb / 33P
TPS3899 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
DECEMBER 2020
TPS3899 TI-TPS3899_V03 Datasheet
2Mb / 34P
TPS3899 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
JANUARY 2022
logo
Maxim Integrated Produc...
MAX16150 MAXIM-MAX16150 Datasheet
713Kb / 17P
nanoPower Pushbutton On/Off Controller and Battery Freshness Seal
2021
logo
Texas Instruments
TPS3899-Q1 TI-TPS3899-Q1_V02 Datasheet
2Mb / 33P
TPS3899-Q1 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
SEPTEMBER 2021
TPS3899 TI-TPS3899_V04 Datasheet
2Mb / 34P
TPS3899 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
JANUARY 2022
logo
Analog Devices
MAX16169 AD-MAX16169 Datasheet
528Kb / 13P
nanoPower Pushbutton On/Off Controller and Battery Freshness Seal
19-101732; Rev 0; 11/23
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com