Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS3423 Datasheet (PDF) - Texas Instruments

TPS3423 Datasheet PDF - Texas Instruments
Part # TPS3423
Download  TPS3423 Download
File Size   1549.99 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3423, TPS3424, Nano-Power, Push-Button Controllers With Configurable Delay to Enable Battery Freshness Seal

TPS3423 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3423 Datasheet PDF - Texas Instruments

Part # TPS3423
Download  TPS3423 Click to download

File Size   1549.99 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS3423, TPS3424, Nano-Power, Push-Button Controllers With Configurable Delay to Enable Battery Freshness Seal

TPS3423 Datasheet (HTML) - Texas Instruments


TPS3423 Product details

1 Features
• Operating voltage range: 1V to 6V
• Nano supply current: 18nA (typical)
• HBM ESD rating on push-button pin: ±8kV
• Programmable short press and long press duration
– TPS3423, TPS3424 fixed timing options:
• Short press duration: 50msec to 13sec
• Long press duration: 1sec to 30sec
• Timer accuracy (maximum): ±10%
– TPS3424: user-programmable option (50msec to 50sec) through external capacitor
• Output configurations:
– RESET configurations:
• Push-pull / open-drain, active high / low
• Latched / non-latched
• 100msec to 10sec pulse option for nonlatched version
– INT configurations:
• open drain, active low
• non-latched (100msec to 1sec pulse duration)
• Kill feature: enables host to control the RESET output
• Available in pin compatible SOT-583 and SOT563 packages




Similar Part No. - TPS3423

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3423 TI-TPS3423 Datasheet
1Mb / 26P
TPS3423, TPS3424, Nano-Power, Push-Button Controllers With Configurable Delay to enable Battery Freshness Seal
SEPTEMBER 2024
TPS3423 TI-TPS3423 Datasheet
1Mb / 27P
TPS3423, TPS3424, Nano-Power, Push-Button Controllers With Configurable Delay to enable Battery Freshness Seal
SEPTEMBER 2024
TPS3423 TI-TPS3423 Datasheet
1Mb / 30P
TPS3423, TPS3424, Nano-Power, Push-Button Controllers With Configurable Delay to Enable Battery Freshness Seal
DECEMBER 2024
TPS3423 TI2-TPS3423 Datasheet
1Mb / 28P
TPS3423, TPS3424, Nano-Power, Push-Button Controllers With Configurable Delay to Enable Battery Freshness Seal
REVISED AUGUST 2025
TPS3423CAHDFADRLR TI2-TPS3423CAHDFADRLR Datasheet
1Mb / 28P
TPS3423, TPS3424, Nano-Power, Push-Button Controllers With Configurable Delay to Enable Battery Freshness Seal
REVISED AUGUST 2025
More results


Similar Description - TPS3423

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
Dual push-button Smart Reset??with push-button controlled output delay
31-May-2010
logo
Texas Instruments
TPS3420 TI-TPS3420 Datasheet
855Kb / 19P
Low-Power, Push-Button Controllers with Configurable Delay
TPS3899-Q1 TI-TPS3899-Q1 Datasheet
1Mb / 28P
TPS3899-Q1 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
TPS3899-Q1 TI-TPS3899-Q1_V01 Datasheet
2Mb / 33P
TPS3899-Q1 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
SEPTEMBER 2021
TPS3899 TI-TPS3899_V02 Datasheet
2Mb / 33P
TPS3899 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
DECEMBER 2020
TPS3899 TI-TPS3899_V03 Datasheet
2Mb / 34P
TPS3899 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
JANUARY 2022
logo
Maxim Integrated Produc...
MAX16150 MAXIM-MAX16150 Datasheet
713Kb / 17P
nanoPower Pushbutton On/Off Controller and Battery Freshness Seal
2021
logo
Texas Instruments
TPS3899-Q1 TI-TPS3899-Q1_V02 Datasheet
2Mb / 33P
TPS3899-Q1 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
SEPTEMBER 2021
TPS3899 TI-TPS3899_V04 Datasheet
2Mb / 34P
TPS3899 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
JANUARY 2022
logo
Analog Devices
MAX16169 AD-MAX16169 Datasheet
528Kb / 13P
nanoPower Pushbutton On/Off Controller and Battery Freshness Seal
19-101732; Rev 0; 11/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com