Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK3H0102 Datasheet (PDF) - Texas Instruments

LMK3H0102 Datasheet PDF - Texas Instruments
Part # LMK3H0102
Download  LMK3H0102 Download
File Size   2519.04 Kbytes
Page   59 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LMK3H0102 Reference-Less 2-Differential or 5-Single-Ended Output PCIe Gen 1-6 Compliant Programmable BAW Clock Generator

LMK3H0102 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMK3H0102 Datasheet PDF - Texas Instruments

Part # LMK3H0102
Download  LMK3H0102 Click to download

File Size   2519.04 Kbytes
Page   59 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LMK3H0102 Reference-Less 2-Differential or 5-Single-Ended Output PCIe Gen 1-6 Compliant Programmable BAW Clock Generator

LMK3H0102 Datasheet (HTML) - Texas Instruments


LMK3H0102 Product details

1 Features
• Integrated BAW resonator, no need for external
reference
• Flexible frequency generation:
– Two channel dividers: up to three unique output
frequencies from 2.5MHz to 400MHz
– LVCMOS outputs supported up to 200MHz:
1.8V, 2.5V, or 3.3V
– Combination of AC-LVDS, DC-LVDS, LP-HCSL,
and LVCMOS on OUT0 and OUT1 pins
– Additional LVCMOS output for generation of up
to 5 LVCMOS clocks
• Total output frequency stability: ±25ppm
• 2 functional modes: I2C or preprogrammed OTP
– Fully configurable I2C address
• Ambient temperature: –40°C to 85°C
• PCIe Gen 1 to Gen 6 compliant: Common Clock
with or without SSC, SRNS, and SRIS
• Very low PCIe jitter with SSC:
– PCIe Gen 3 Common Clock jitter: 135.3fs
maximum (PCIe limit is 1ps)
– PCIe Gen 4 Common Clock jitter: 135.3fs
maximum (PCIe limit is 500fs)
– PCIe Gen 5 Common Clock jitter: 57.5fs
maximum (PCIe limit is 150fs)
– PCIe Gen 6 Common Clock jitter: 34.5fs
maximum (PCIe limit is 100fs)
• Programmable SSC modulation depth
– Preprogrammed: –0.1%, –0.25%, –0.3%, and –
0.5% down spread
– Register programmable: –0.1% to –3% down
spread or ±0.05% to ±1.5% center spread
• 1.8V to 3.3V supply voltage
• Internal LDOs with –93.1dBc PSNR at 500kHz
switching noise for LP-HCSL outputs
• Start-up time: <1.5ms
• Output-to-output skew: <50ps
• Fail-safe digital input pins

2 Applications
• PCIe Gen 1 to Gen 6 clock generation
• Server Motherboard
• NIC, SmartNIC
• Hardware Accelerator
• Multifunction Printer
• PCIe SSD
• Add-In Card, PCIe Expansion Card

3 Description
The LMK3H0102 is a 2-output PCIe Gen 1 to
Gen 6 compliant reference-less clock generator
with Spread Spectrum Clocking (SSC) support.
The part is based on TI proprietary Bulk Acoustic
Wave (BAW) technology and provides ±25ppm
clock outputs without any crystal or external clock
reference. The device can provide two SSC clocks,
two non-SSC clocks, or one SSC clock and one
non-SSC clock at the same time. The device
meets the full PCIe compliance from Gen 1 to
Gen 6, including Common Clock with or without
SSC, Separate Reference No Spread (SRNS), and
Separate Reference Independent Spread (SRIS).
The device can be easily configured through either
GPIO pins or I2C interface. An external DC/DC can
be used to power the device. Refer to Power Supply
Recommendations for detailed guidelines on power
supply filtering and sourcing from DC/DC.




Similar Part No. - LMK3H0102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK3H0102 TI1-LMK3H0102 Datasheet
2Mb / 63P
LMK3H0102 Reference-Less 2-Differential or 5-Single-Ended Output PCIe Gen 1-6 Compliant Programmable BAW Clock Generator
NOVEMBER 2023
LMK3H0102 TI1-LMK3H0102 Datasheet
2Mb / 66P
LMK3H0102-Q1 Reference-Less 2-Differential or 5-Single-Ended Output PCIe Gen 1-7 Compliant Programmable BAW Clock Generator
APRIL 2025
LMK3H0102 TI2-LMK3H0102 Datasheet
2Mb / 63P
LMK3H0102 Reference-Less 2-Differential or 5-Single-Ended Output PCIe Gen 1-7 Compliant Programmable BAW Clock Generator
REVISED MARCH 2025
LMK3H0102 TI2-LMK3H0102 Datasheet
2Mb / 62P
LMK3H0102-Q1 Reference-Less 2-Differential or 5-Single-Ended Output PCIe Gen 1-7 Compliant Programmable BAW Clock Generator
REVISED MAY 2025
LMK3H0102 TI2-LMK3H0102 Datasheet
2Mb / 63P
LMK3H0102 Reference-Less 2-Differential or 5-Single-Ended Output PCIe Gen 1-7 Compliant Programmable BAW Clock Generator
REVISED OCTOBER 2025
More results


Similar Description - LMK3H0102

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CFGL201B PERICOM-PI6CFGL201B Datasheet
1Mb / 14P
2-Output Low Power PCIE Gen 1-2-3 Clock Generator
PI6CFGL601B PERICOM-PI6CFGL601B Datasheet
1,012Kb / 13P
6-Output Low Power PCIE Gen 1-2-3 Clock Generator
logo
Integrated Device Techn...
9FGV0641 IDT-9FGV0641_16 Datasheet
210Kb / 15P
6-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
9FGV0631 IDT-9FGV0631 Datasheet
264Kb / 16P
6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator
logo
Silicon Laboratories
SI50122-A5 SILABS-SI50122-A5 Datasheet
1Mb / 14P
CRYSTAL-LESS PCI-EXPRESS GEN 1, GEN 2, & GEN 3 DUAL OUTPUT CLOCK GENERATOR
SL28PCIE30 SILABS-SL28PCIE30 Datasheet
338Kb / 16P
EProClock짰 Programmable PCIe Gen 2 Clock Generator
logo
Renesas Technology Corp
9FGU0631 RENESAS-9FGU0631 Datasheet
394Kb / 16P
6-O/P 1.5V PCIe Gen 1-2-3 Clock Generator
OCTOBER 18, 2016
9FGV0241 RENESAS-9FGV0241 Datasheet
616Kb / 15P
2-OUTPUT VERY LOW POWER PCIE GEN 1–4 CLOCK GENERATOR
November 16, 2022
9FGV0631C RENESAS-9FGV0631C Datasheet
648Kb / 17P
6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator
JUNE 6, 2019
logo
Texas Instruments
LMK3H0102 TI1-LMK3H0102 Datasheet
2Mb / 63P
LMK3H0102 Reference-Less 2-Differential or 5-Single-Ended Output PCIe Gen 1-6 Compliant Programmable BAW Clock Generator
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com