Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK3H0102 Datasheet (PDF) - Texas Instruments

LMK3H0102 Datasheet PDF - Texas Instruments
Part # LMK3H0102
Download  LMK3H0102 Download
File Size   2859.87 Kbytes
Page   63 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMK3H0102 Reference-Less 2-Differential or 5-Single-Ended Output PCIe Gen 1-7 Compliant Programmable BAW Clock Generator

LMK3H0102 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMK3H0102 Datasheet PDF - Texas Instruments

Part # LMK3H0102
Download  LMK3H0102 Click to download

File Size   2859.87 Kbytes
Page   63 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMK3H0102 Reference-Less 2-Differential or 5-Single-Ended Output PCIe Gen 1-7 Compliant Programmable BAW Clock Generator

LMK3H0102 Datasheet (HTML) - Texas Instruments


LMK3H0102 Product details

1 Features
• Integrated BAW resonator, no need for external
reference
• Flexible frequency generation:
– Two channel dividers: up to three unique output
frequencies from 2.5MHz to 400MHz
– LVCMOS outputs supported up to 200MHz:
1.8V, 2.5V, or 3.3V
– Combination of AC-LVDS, DC-LVDS, LP-HCSL,
and LVCMOS on OUT0 and OUT1 pins
– Additional LVCMOS output for generation of up
to 5 LVCMOS clocks
• Total output frequency stability: ±25ppm
• 2 functional modes: I2C or preprogrammed OTP
– Fully configurable I2C address
• PCIe Gen 1 to Gen 7 compliant: Common Clock
with or without SSC, SRNS, and SRIS
• Very low PCIe jitter with SSC:
– PCIe Gen 3 Common Clock jitter: 135.3fs
maximum (PCIe limit is 1ps)
– PCIe Gen 4 Common Clock jitter: 135.3fs
maximum (PCIe limit is 500fs)
– PCIe Gen 5 Common Clock jitter: 57.5fs
maximum (PCIe limit is 150fs)
– PCIe Gen 6 Common Clock jitter: 34.5fs
maximum (PCIe limit is 100fs)
– PCIe Gen 7 Common Clock jitter: 29.6fs
maximum (PCIe limit is 67fs)
• Programmable SSC modulation depth
– Preprogrammed: –0.1%, –0.25%, –0.3%,
and –0.5% down spread at 200MHz FOD
frequency
– Register programmable: –0.1% to –3% down
spread or ±0.05% to ±1.5% center spread
• 1.8V to 3.3V supply voltage
• Internal LDOs with –93.1dBc PSNR at 500kHz
switching noise for LP-HCSL outputs
• Start-up time: <1.5ms
• Output-to-output skew: <50ps
• Fail-safe digital input pins

2 Applications
• PCIe Gen 1 to Gen 7 clock generation
• Server Motherboard
• NIC, SmartNIC
• Hardware Accelerator
• Multifunction Printer
• PCIe SSD
• Add-In Card, PCIe Expansion Card

3 Description
The LMK3H0102 is a 2-output PCIe Gen 1 to
Gen 7 compliant reference-less clock generator
with Spread Spectrum Clocking (SSC) support.
The part is based on TI proprietary Bulk Acoustic
Wave (BAW) technology and provides ±25ppm
clock outputs without any crystal or external clock
reference. The device can provide two SSC clocks,
two non-SSC clocks, or one SSC clock and one
non-SSC clock at the same time. The device
meets the full PCIe compliance from Gen 1 to
Gen 7, including Common Clock with or without
SSC, Separate Reference No Spread (SRNS), and
Separate Reference Independent Spread (SRIS).
The device can be easily configured through either
pins or I2C interface. An external DC/DC can be
used to power the device. Refer to Power Supply
Recommendations for detailed guidelines on power
supply filtering and sourcing from DC/DC.
For OTP default settings for each LMK3H0102Axxx
configuration, refer to the LMK3H0102 Configuration
Guide.




Similar Part No. - LMK3H0102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK3H0102 TI1-LMK3H0102 Datasheet
2Mb / 63P
LMK3H0102 Reference-Less 2-Differential or 5-Single-Ended Output PCIe Gen 1-6 Compliant Programmable BAW Clock Generator
NOVEMBER 2023
LMK3H0102 TI-LMK3H0102 Datasheet
2Mb / 59P
LMK3H0102 Reference-Less 2-Differential or 5-Single-Ended Output PCIe Gen 1-6 Compliant Programmable BAW Clock Generator
OCTOBER 2024
LMK3H0102 TI1-LMK3H0102 Datasheet
2Mb / 66P
LMK3H0102-Q1 Reference-Less 2-Differential or 5-Single-Ended Output PCIe Gen 1-7 Compliant Programmable BAW Clock Generator
APRIL 2025
LMK3H0102 TI2-LMK3H0102 Datasheet
2Mb / 63P
LMK3H0102 Reference-Less 2-Differential or 5-Single-Ended Output PCIe Gen 1-7 Compliant Programmable BAW Clock Generator
REVISED MARCH 2025
LMK3H0102 TI2-LMK3H0102 Datasheet
2Mb / 62P
LMK3H0102-Q1 Reference-Less 2-Differential or 5-Single-Ended Output PCIe Gen 1-7 Compliant Programmable BAW Clock Generator
REVISED MAY 2025
More results


Similar Description - LMK3H0102

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49003A PERICOM-PI6C49003A Datasheet
843Kb / 12P
PCIe Gen 2 Networking Clock Generator
PI6C49004A PERICOM-PI6C49004A Datasheet
730Kb / 13P
PCIe Gen 2 Networking Clock Generator
PI6CFGL201B PERICOM-PI6CFGL201B Datasheet
1Mb / 14P
2-Output Low Power PCIE Gen 1-2-3 Clock Generator
PI6CFGL401B PERICOM-PI6CFGL401B Datasheet
1Mb / 14P
4-Output Low Power PCIE Gen 1-2-3 Clock Generator
PI6CFGL601B PERICOM-PI6CFGL601B Datasheet
1,012Kb / 13P
6-Output Low Power PCIE Gen 1-2-3 Clock Generator
logo
Micrel Semiconductor
DSC557-04 MICREL-DSC557-04 Datasheet
641Kb / 7P
Crystal-less??Three Output PCIe Clock Generator
logo
Silicon Laboratories
SI50122-A5 SILABS-SI50122-A5 Datasheet
1Mb / 14P
CRYSTAL-LESS PCI-EXPRESS GEN 1, GEN 2, & GEN 3 DUAL OUTPUT CLOCK GENERATOR
SL28PCIE30 SILABS-SL28PCIE30 Datasheet
338Kb / 16P
EProClock짰 Programmable PCIe Gen 2 Clock Generator
logo
Renesas Technology Corp
9FGV0241 RENESAS-9FGV0241 Datasheet
616Kb / 15P
2-OUTPUT VERY LOW POWER PCIE GEN 1–4 CLOCK GENERATOR
November 16, 2022
logo
Texas Instruments
LMK3H0102 TI1-LMK3H0102 Datasheet
2Mb / 63P
LMK3H0102 Reference-Less 2-Differential or 5-Single-Ended Output PCIe Gen 1-6 Compliant Programmable BAW Clock Generator
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com