Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5961 Datasheet (PDF) - Analog Devices

ADL5961 Datasheet PDF - Analog Devices
Part # ADL5961
Download  ADL5961 Download
File Size   2131.71 Kbytes
Page   34 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 9 kHz to 26.5 GHz Integrated Vector Network Analyzer Front End

ADL5961 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5961 Datasheet PDF - Analog Devices

Part # ADL5961
Download  ADL5961 Click to download

File Size   2131.71 Kbytes
Page   34 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 9 kHz to 26.5 GHz Integrated Vector Network Analyzer Front End

ADL5961 Datasheet (HTML) - Analog Devices


ADL5961 Product details

FEATURES
► Wideband integrated bidirectional bridge
► Raw directivity: 35.6 dB at 1 GHz, 16.7 dB at 18 GHz
► Low insertion loss: 1.1 dB at 1 GHz, 2.0 dB at 18 GHz
► Return loss: >12 dB typical
► SPI configurable LO interface
► Divide by 2; multiply by 1, 2, or 4
► Offset LO interface enables drive with fRF = fLO
► Single-ended or differential drive
► SYNC function—synchronization across multiple devices
► High dynamic range wideband IF signal path
► SPI-programmable IF bandwidth from 1 MHz to 100 MHz
► SPI-programmable IF gain, 6 dB step size
► Externally adjustable output common-mode level
► 5-bit SPI readable temperature sensor
► Low power shutdown mode
► 3 mm × 4 mm, 26-lead LGA
APPLICATIONS
► Broadband, multiport vector network analyzers
► S-parameter magnitude and phase measurement
► Inline RF power measurement
► Automated test equipment
► Reflectometers
► Materials analysis




Similar Part No. - ADL5961

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5960 AD-ADL5960 Datasheet
275Kb / 11P
10 MHz to 20 GHz, Integrated Vector Network Analyzer Front-End
ADL5960 AD-ADL5960 Datasheet
2Mb / 32P
10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
Rev. A
ADL5960-EVALZ AD-ADL5960-EVALZ Datasheet
2Mb / 32P
10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
Rev. A
ADL5960-KIT-EVALZ AD-ADL5960-KIT-EVALZ Datasheet
2Mb / 32P
10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
Rev. A
ADL5960ACCZ AD-ADL5960ACCZ Datasheet
2Mb / 32P
10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
Rev. A
More results


Similar Description - ADL5961

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
2395A AEROFLEX-2395A Datasheet
357Kb / 8P
9 kHz to 26.5 GHz Spectrum Analyzer
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
M9485A PXIe Multiport Vector Network Analyzer
N9923A KEYSIGHT-N9923A Datasheet
2Mb / 18P
N9923A FieldFox RF Vector Network Analyzer
N9923A-308 KEYSIGHT-N9923A-308 Datasheet
2Mb / 18P
Vector Network Analyzer
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
M9309A PXIe Vector Network Analyzer Synthesizer
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
M9485A PXIe Multiport Vector Network Analyzer
logo
Analog Devices
ADL5960 AD-ADL5960 Datasheet
275Kb / 11P
10 MHz to 20 GHz, Integrated Vector Network Analyzer Front-End
logo
Mini-Circuits
EVNA-63+ MINI-EVNA-63+ Datasheet
1Mb / 16P
Vector Network Analyzer
REV. A
logo
Analog Devices
ADL5960 AD-ADL5960_V01 Datasheet
2Mb / 32P
10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com