Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC183CQEVB Datasheet (PDF) - Semtech Corporation

SC183CQEVB Datasheet PDF - Semtech Corporation
Part # SC183CQEVB
Download  SC183CQEVB Download
File Size   1835.83 Kbytes
Page   20 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 2.5MHz, 2A Synchronous Step-Down Regulator

SC183CQEVB Datasheet (PDF)

Go To PDF Page Download Datasheet
SC183CQEVB Datasheet PDF - Semtech Corporation

Part # SC183CQEVB
Download  SC183CQEVB Click to download

File Size   1835.83 Kbytes
Page   20 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 2.5MHz, 2A Synchronous Step-Down Regulator

SC183CQEVB Datasheet (HTML) - Semtech Corporation


SC183CQEVB Product details

Features
VIN Range: 2.9 – 5.5V
VOUT Options: 0.8 - 3.3V
Up to 2A Output Current
Ultra-Small Footprint, <1mm Height Solution
2.5MHz Switching Frequency
Efficiency Up to 93%
Low Output Noise Across Load Range
Excellent Transient Response
Start Up into Pre-Bias Output
100% Duty-Cycle Low Dropout Operation
<1μA Shutdown Current
Internal Soft Start
Input Under-Voltage Lockout
Output Over-Voltage, Current Limit Protection
Over-Temperature Protection
Adjustable Output Voltage
3mm x 3mm x 0.6mm thermally enhanced
MLPQ-UT16 package
Pb-free, Halogen free, and RoHS/WEEE compliant
AEC-Q100 (Grade2) Qualified

Applications
Automotive DC-DC
Office Automation and Computing
Set-Top Box
LCD TV
Network Cards
Printer

Description
The SC183CQ is a 2A synchronous step-down regulator
designed to operate with an input voltage range of 2.9 to
5.5 Volts. The device offers fifteen pre-determined outputs
voltages via four control pins programmable from 0.8 to
3.3 Volts. The control pins allow for on-the-fly voltage
changes, enabling system designers to implement
dynamic power savings. The SC183CQ is also capable of
adjusting output voltage via an external resistor divider.
The device is available with both commercial and automotive
grade qualification.
The device operates with a fixed 2.5MHz oscillator frequency,
allowing the use of small surface mount external
components.
Connecting CTL0 — CTL3 to logic low forces the device
into shutdown mode reducing the supply current to less
than 1μA. Connecting any of the control pins to logic
high enables the converter and sets the output voltage
according to Table 1. Other features include undervoltage
lockout, soft-start to limit in-rush current, and
over-temperature protection.
The SC183CQ is available in a thermally-enhanced, 3mm
x 3mm x 0.6mm MLPQ-UT16 package and is automotive
qualified to AEC-Q100.
For the commercial grade version of SC183CQ refer to the
SC183C datasheet.




Similar Part No. - SC183CQEVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC183C SEMTECH-SC183C Datasheet
1Mb / 20P
2.5MHz, 2A Synchronous Step-Down Regulator
SC183CEVB SEMTECH-SC183CEVB Datasheet
1Mb / 20P
2.5MHz, 2A Synchronous Step-Down Regulator
SC183CULTRT SEMTECH-SC183CULTRT Datasheet
1Mb / 20P
2.5MHz, 2A Synchronous Step-Down Regulator
More results


Similar Description - SC183CQEVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC183C SEMTECH-SC183C Datasheet
1Mb / 20P
2.5MHz, 2A Synchronous Step-Down Regulator
SC189 SEMTECH-SC189 Datasheet
1Mb / 23P
2.5MHz, 1.5A Synchronous Step Down Regulator
SC283 SEMTECH-SC283 Datasheet
1Mb / 20P
Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
SC284 SEMTECH-SC284 Datasheet
1Mb / 20P
Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
logo
Semicoa Semiconductor
SC189ASK.TRT SEMICOA-SC189ASK.TRT Datasheet
1Mb / 24P
2.5MHz, 1.5A Synchronous Step Down Regulator
logo
Exar Corporation
XRP6670 EXAR-XRP6670 Datasheet
3Mb / 13P
3A 300kHz-2.5MHz Synchronous Step Down Regulator
logo
Global Mixed-mode Techn...
G5719 GMT-G5719 Datasheet
86Kb / 2P
1MHz, 2A Synchronous Step-Down Regulator
logo
Semtech Corporation
SC3102 SEMTECH-SC3102 Datasheet
1Mb / 17P
2A Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6163 FEELING-FP6163 Datasheet
667Kb / 19P
1.5MHz, 2A Synchronous Step-Down Regulator
logo
Shenzhen Huazhimei Semi...
HM1482D HMSEMI-HM1482D Datasheet
1Mb / 7P
30V 2A Synchronous Step-Down Regulator
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com