Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC183CQEVB Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC183CQEVB
Description  2.5MHz, 2A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC183CQEVB Datasheet(HTML) 3 Page - Semtech Corporation

  SC183CQEVB Datasheet HTML 1Page - Semtech Corporation SC183CQEVB Datasheet HTML 2Page - Semtech Corporation SC183CQEVB Datasheet HTML 3Page - Semtech Corporation SC183CQEVB Datasheet HTML 4Page - Semtech Corporation SC183CQEVB Datasheet HTML 5Page - Semtech Corporation SC183CQEVB Datasheet HTML 6Page - Semtech Corporation SC183CQEVB Datasheet HTML 7Page - Semtech Corporation SC183CQEVB Datasheet HTML 8Page - Semtech Corporation SC183CQEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SC183CQ
www.semtech.com
3
Electrical Characteristics
Exceeding the absolute maximum ratings may result in permanent damage to the device and/or device malfunction. Operation outside of the
parameters specified in the Electrical Characteristics section is not recommended.
NOTES:
(1) Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
(2) Tested according to JEDEC standard JESD22-A114-B.
Recommended Operating Conditions
Supply Voltage PVIN and AVIN …………………… 2.9 to 5.5V
Maximum Output Current
………………………………… 2.0A
Input Capacitor ………………………………………… 10uF
Output Capacitor ……………………………………… 22uF
Output Inductor ……………………………………… 2.2uH
Thermal Resistance, Junction to Ambient(1) ………… 40 °C/W
Maximum Junction Temperature …………………… +150 °C
Storage Temperature Range ………………… -65 to +150 °C
Thermal Information
Unless specified: PVIN= AVIN= 5.0V, VOUT= 1.50V, C
IN= 10µF, COUT= 22µF, L= 2.2µH, -40°C≤ TJ≤ +125 °C. Unless otherwise noted typical values are
T
A= +25 °C.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Under-Voltage Lockout
UVLO
Rising AVIN, PVIN=AVIN
2.70
2.80
2.90
V
Hysteresis
240
300
mV
Output Voltage Tolerance(1)
ΔV
OUT
PVIN= AVIN= 2.9 to 5.5V; I
OUT=0A
-2.0
+2.0
%
Current Limit
I
LIMIT
Peak LX current
2.5
3.0
3.75
A
Supply Current
I
Q
No load
10
mA
Shutdown Current
I
SHDN
CTL
0-3= AGND
1
10
µA
High Side Switch Resistance
R
DSON_P
I
LX= 100mA, TJ= 25 °C
0.10
Ω
I
LX= 100mA, TJ= 125 °C
0.14
Low Side Switch Resistance(2)
R
DSON_N
I
LX= -100mA, TJ= 25 °C
0.09
I
LX= -100mA, TJ= 125 °C
0.125
L
X Leakage Current
(2)
I
LK(LX)
PVIN= AVIN= 5.5V; LX= 0V; CTL
0-3= AGND
1
10
µA
PVIN= AVIN= 5.5V; LX= 5.0V; CTL
0-3= AGND
-10
-1
Load Regulation
ΔV
LOAD-REG
PVIN= AVIN= 5.0V; I
OUT=1mA to 2A
±0.5
±1.0
%
Oscillator Frequency
f
OSC
2.125
2.500
2.875
MHz
Soft-Start Time(2)
t
SS
I
OUT= 0 to 2A
50
850
980
µs
CTLx Input High Current(2)
I
EN_HI
CTL
0-3=AVIN
-2.0
2.0
µA
CTLx Input Low Current(2)
I
EN_LO
CTL
0-3=AGND
-2.0
2.0
µA
Absolute Maximum Ratings
PVIN and AVIN Supply Voltages ………………… -0.3 to 6.0V
LX Voltage ………….. -1 to PVIN+1V, -3V (20ns Max), 6V Max
VOUT Voltage …………………………… -0.3 to AVIN+0.3V
CTLx Voltage …………………………… -0.3 to AVIN+0.3V
Operating Junction Temperature ….…….….… -40 to +125 °C
Peak IR Reflow Temperature …………………………. 260°C
ESD Protection Level(2) …………………………………. 2.5kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com