Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC183CQEVB Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC183CQEVB
Description  2.5MHz, 2A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC183CQEVB Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC183CQEVB Datasheet HTML 9Page - Semtech Corporation SC183CQEVB Datasheet HTML 10Page - Semtech Corporation SC183CQEVB Datasheet HTML 11Page - Semtech Corporation SC183CQEVB Datasheet HTML 12Page - Semtech Corporation SC183CQEVB Datasheet HTML 13Page - Semtech Corporation SC183CQEVB Datasheet HTML 14Page - Semtech Corporation SC183CQEVB Datasheet HTML 15Page - Semtech Corporation SC183CQEVB Datasheet HTML 16Page - Semtech Corporation SC183CQEVB Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
SC183CQ
www.semtech.com
13
Detailed Description
The SC183CQ is a synchronous step-down converter uti-
lizing a 2.5MHz fixed frequency voltage mode architecture.
The switching frequency is chosen to minimize the size of
the external inductor and capacitors while maintaining
high efficiency.
Operation
During normal operation, the PMOS MOSFET is activated
on each rising edge of the internal oscillator. The voltage
feedback loop uses an internal feedback resistor divider.
Theperiodissetbytheinternaloscillator.Thedevicehasan
internalsynchronousNMOSrectifieranddoesnotrequirea
SchottkydiodeontheLXpin.Thedeviceoperatesasabuck
converter in PWM mode with a fixed frequency of 2.5MHz.
Programmable Output Voltage
The SC183CQ has fifteen pre-determined output voltage
values which can be individually selected by program-
ming the CTL input pins (see Table 1 — Output Voltage
Settings). Each CTL pin has an active 1 MΩ internal pull-
down resistor. The 1MΩ resistor is switched in circuit
whenever the CTL input voltage is below the input
threshold, or when the part is in undervoltage lockout. It
is recommended to tie all high CTL pins together and use
an external pull-up resistor to AVIN if there is no enable
signal or if the enable input is an open drain/collector
signal. The CTL pins may be driven by a microprocessor to
allow dynamic voltage adjustment for systems that reduce
the supply voltage when entering sleep states. Avoid all
zeros being present on the CTL pins when changing pro-
grammable output voltages as this would disable the
device.
SC183CQ is also capable of regulating a different (high-
er) output voltage, which is not shown in the Table 1, via
an external resistor divider. There will be a typical 2µA
current flowing into the VOUT pin. The typical sche-
matic for an adjustable output voltage option from
the standard 1.0V with CTLx=[0010], is shown in Figure
1. RFB1 and RFB2 are used to adjust the desired out-
put voltage. If the RFB2 current is such that the 2µA
VOUT pin current can be ignored, then RFB1 can be
found by Equation 1. RFB2 needs to be low enough in
value for the current through the resistor chain to be
at least 20µA in order to ignore the VOUT pin current.
2
1
FB
OSTD
OSTD
OUT
FB
R
V
V
V
R
⋅
−
=
(1)
where V
OSTD is the pre-determined output voltage via the
CTL pins.
C
FF is needed to maintain good transient response perfor-
mance. The correct value of C
FF can be found using
Equation 2.
(
)
(
)
)
5
.
0
(
]
[
5
.
0
5
.
2
]
[
1
2
−
×
−
⋅
Ω
−
×
=
OSTD
OSTD
OSTD
OUT
FB
OUT
FF
V
V
V
V
k
R
V
nF
C
(2)
To simplify the design, it is recommended to program the
desired output voltage from a standard 1.0V as shown in
Figure 1 with a proper C
FF calculated from Equation 2. For
programming the output voltage from other standard
voltages, R
FB1, RFB2 and CFF need to be adjusted to meet
Equation 1and 2.
Protection Features
The SC183CQ provides the following protection
features:
Current Limit
Over-Voltage Protection
Soft-Start Operation
Thermal Shutdown
Current Limit
The internal PMOS power device in the switching stage is
protected by a current limit feature. If the inductor current
is above the PMOS current limit for 16 consecutive cycles,
the part enters foldback current limit mode and the
•
•
•
•
Applications Information
Figure 1 — Typical Schematic for Adjusting the
Output Voltage Up from an Output Voltage of 1.0V
(CTLx=[0010])
CTL0
CTL1
PGND
AVIN
CIN
10µF
VIN
LX
VOUT
Enable
SC183C
PVIN
CTL2
AGND
CTL3
VOUT
COUT
L
RFB1
CFF
RFB2
10k
2
1
)
1
(
FB
OUT
FB
R
V
R
×
−
=
for CTLx= 0010 (1.0V)
CAVIN
1µF
RAVIN
10
SC183CQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com