Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS1401P Datasheet (PDF) - Semtech Corporation

TDS1401P Datasheet PDF - Semtech Corporation
Part # TDS1401P
Download  TDS1401P Download
File Size   1009.31 Kbytes
Page   9 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Transient Diverting Supressor 1-Line, 14V SurgeSwitch™ EOS Protection

TDS1401P Datasheet (PDF)

Go To PDF Page Download Datasheet
TDS1401P Datasheet PDF - Semtech Corporation

Part # TDS1401P
Download  TDS1401P Click to download

File Size   1009.31 Kbytes
Page   9 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Transient Diverting Supressor 1-Line, 14V SurgeSwitch™ EOS Protection

TDS1401P Datasheet (HTML) - Semtech Corporation


TDS1401P Product details

Description
Semtech SurgeSwitch™ Transient Diverting Suppressors
(TDS) are designed to provide protection from Electrical
Overstress (EOS) events. They have superior clamping
and temperature characteristics when compared to
standard TVS devices. The device uses a surge rated
FET as the main protection element. A precisely tuned
trigger circuit activates the shunt FET when an EOS event
is detected. The TDS clamping voltage is nearly constant
across the rated peak pulse current range due to the
extremely low ON Resistance of the FET.
TDS1401P is designed to protect voltage bus or data
lines with an operating voltage as high as 14V. It is rated
for a high-energy transient current up to 22A(tp = 8/20μs)
and may be used to meet the common industrial voltage
surge standard of ±1kV (RS = 42Ω, CS= 0.5μF).
TDS1401P is in a small DFN 1.0mm x 0.6mm x 0.25mm
2-Lead package and represents significant board space
savings over traditional solutions.

Features
• High ESD Withstand Voltage: ±8kV (Contact) & ±20kV
(Air) per IEC 61000-4-2
• High peak pulse current capability:
22A (tp = 8/20μs) per IEC 61000-4-5
±1kV (tp = 1.2/50μs, RS = 42Ω) per IEC 61000-4-5
for unsymmetrical lines
• Low clamping voltage: 20.5V Maximum at IPP = 22A (tp
= 8/20μs)
• Protects one I/O or power line
• Working voltage:14V
• Solid-state technology

Mechanical Characteristics
• Package: DFN 1.0mm x 0.6mm x 0.25mm 2-Lead
• Pb-Free, Halogen Free, RoHS/WEEE Compliant
• Molding compound flammability rating: UL 94V-0
• Lead Finish: Lead-Free
• Marking: Marking code and Date Code
• Packaging: Tape and Reel

Applications
• 12V Power Line Protection
• Panels & Displays
• Industrial Equipment
• Solid-State Drives
• Remote Meters
• IoT Devices




Similar Part No. - TDS1401P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TDS1421PW SEMTECH-TDS1421PW Datasheet
957Kb / 9P
Transient Diverting Suppressor 1-Line, 14V EOS Protection
Rev 2.0 4/27/2023
TDS1421PW.C SEMTECH-TDS1421PW.C Datasheet
957Kb / 9P
Transient Diverting Suppressor 1-Line, 14V EOS Protection
Rev 2.0 4/27/2023
More results


Similar Description - TDS1401P

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
6KA24 COMCHIP-6KA24 Datasheet
67Kb / 2P
Automotive Transient Voltage Supressor
logo
STMicroelectronics
ESDCAN0X-2BWY STMICROELECTRONICS-ESDCAN0X-2BWY Datasheet
378Kb / 8P
Dual-line ESD and EOS protection
December 2016 Rev 4
logo
Nexperia B.V. All right...
PTVS4V5D1BL NEXPERIA-PTVS4V5D1BL Datasheet
232Kb / 12P
Ultra compact Transient Voltage Supressor
logo
Semtech Corporation
TDS2211P SEMTECH-TDS2211P Datasheet
586Kb / 10P
Transient Diverting Suppressor 1-Line, 22V EOS Protection
Rev 2.5 11/16/2021
TDS3011P SEMTECH-TDS3011P Datasheet
845Kb / 8P
Transient Diverting Suppressor 1-Line, 30V EOS Protection
Rev 2.0 6/16/2021
TDS3311P SEMTECH-TDS3311P Datasheet
1Mb / 10P
Transient Diverting Suppressor 1-Line, 33V EOS Protection
Rev 2.4 3/23/2021
TDS4001P SEMTECH-TDS4001P Datasheet
1Mb / 9P
Transient Diverting Suppressor 1-Line, 40V (24VAC) EOS Protection
Rev 2.0 6/14/2021
TDS4501P SEMTECH-TDS4501P Datasheet
861Kb / 10P
Transient Diverting Suppressor 1-Line, 45V (24VAC) EOS Protection
Rev 2.0 7/2/2021
logo
Nexperia B.V. All right...
PTVS3V3D1BAL NEXPERIA-PTVS3V3D1BAL Datasheet
230Kb / 11P
Ultra compact Transient Voltage Supressor
26 January 2018
PTVS4V5D1BL-Q NEXPERIA-PTVS4V5D1BL-Q Datasheet
250Kb / 12P
Ultra compact Transient Voltage Supressor
5 June 2023
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com