Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS2261P Datasheet (PDF) - Semtech Corporation

TDS2261P Datasheet PDF - Semtech Corporation
Part # TDS2261P
Download  TDS2261P Download
File Size   1126.4 Kbytes
Page   9 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description SurgeSwitchTM 1-Line, 22V EOS Protection

TDS2261P Datasheet (PDF)

Go To PDF Page Download Datasheet
TDS2261P Datasheet PDF - Semtech Corporation

Part # TDS2261P
Download  TDS2261P Click to download

File Size   1126.4 Kbytes
Page   9 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description SurgeSwitchTM 1-Line, 22V EOS Protection

TDS2261P Datasheet (HTML) - Semtech Corporation


TDS2261P Product details

Description
Transient Diverting Suppressors(TDS) are designed
to provide high energy EOS protection with superior
clamping and temperature characteristics when
compared to standard TVS devices. The device uses a
surge rated FET as the main protection element. During
an EOS event, transient voltage increases beyond the
rated breakdown voltage of the device. The FET in turn
switches on and conducts transient current to ground.
The TDS clamping voltage is nearly constant across the
rated peak pulse current range due to the extremely low
ON Resistance of the FET. Lower clamping voltage at
maximum peak pulse current makes them more suitable
for protecting today’s sensitive IC’s, when compared to
standard TVS diodes.
TDS2261P is designed to work on voltage bus or data
lines with an operating voltage as high as 22V. It is
rated for a high-energy transient current up to 40A (tp =
8/20us) and may be used to meet the common industrial
voltage surge standard of +/-1kV per IEC61000-4-5 (RS =
42 Ohms, CS= 0.5uF).
TDS2261P is in a small 2.0 x 2.0mm, 6-pin DFN package
making it ideal for use in space constrained applications.

Features
• High ESD withstand Voltage: +/-20kV (Contact) and
+/-30kV (Air) per IEC 61000-4-2
• High peak pulse current capability: 40A (tp = 8/20μs),
1kV (tp = 1.2/50μs, RS = 42Ω ) per IEC 61000-4-5
• Low clamping voltage: 28V Maximum at IPP = 40A
(tp=8/20μs)
• Survives >10k surges at IPP = 35A (tp=8/20μs), T=125°C
and >100k surges at IPP = 40A (tp=8/20μs), T=25°C
• Working voltage: 22V
• Solid-state technology

Mechanical Characteristics
• Package: DFN 2.0 x 2.0 x 0.75mm 6-Lead
• Pb-Free, Halogen Free, RoHS/WEEE Compliant
• Molding compound flammability rating: UL 94V-0
• Lead Finish: NiPdAu
• Marking: Marking code and Date Code
• Packaging: Tape and Reel

Applications
• USB Type-C
• VBUS Lines
• Industrial Sensors
• Notebooks and Tablets
• Storage Devices
• IoT Devices




Similar Part No. - TDS2261P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TDS2201P SEMTECH-TDS2201P Datasheet
945Kb / 9P
Transient Diverting Suppressor 1-Line, 22V EOS Protection
Rev 2.1 12/14/22
TDS2201P.F SEMTECH-TDS2201P.F Datasheet
945Kb / 9P
Transient Diverting Suppressor 1-Line, 22V EOS Protection
Rev 2.1 12/14/22
TDS2211P SEMTECH-TDS2211P Datasheet
586Kb / 10P
Transient Diverting Suppressor 1-Line, 22V EOS Protection
Rev 2.5 11/16/2021
TDS2211P.C SEMTECH-TDS2211P.C Datasheet
586Kb / 10P
Transient Diverting Suppressor 1-Line, 22V EOS Protection
Rev 2.5 11/16/2021
TDS2221PW SEMTECH-TDS2221PW Datasheet
845Kb / 9P
Transient Diverting Suppressor 1-Line, 22V EOS Protection
Rev 2.0 4/27/2023
More results


Similar Description - TDS2261P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDCAN0X-2BWY STMICROELECTRONICS-ESDCAN0X-2BWY Datasheet
378Kb / 8P
Dual-line ESD and EOS protection
December 2016 Rev 4
logo
Semtech Corporation
RCLAMP0521PA SEMTECH-RCLAMP0521PA Datasheet
332Kb / 6P
1-Line ESD Protection
RCLAMP3521ZA SEMTECH-RCLAMP3521ZA Datasheet
1Mb / 8P
Low Capacitance ESD and EOS Protection
TDS2211P SEMTECH-TDS2211P Datasheet
586Kb / 10P
Transient Diverting Suppressor 1-Line, 22V EOS Protection
Rev 2.5 11/16/2021
TDS3011P SEMTECH-TDS3011P Datasheet
845Kb / 8P
Transient Diverting Suppressor 1-Line, 30V EOS Protection
Rev 2.0 6/16/2021
TDS3311P SEMTECH-TDS3311P Datasheet
1Mb / 10P
Transient Diverting Suppressor 1-Line, 33V EOS Protection
Rev 2.4 3/23/2021
TDS4001P SEMTECH-TDS4001P Datasheet
1Mb / 9P
Transient Diverting Suppressor 1-Line, 40V (24VAC) EOS Protection
Rev 2.0 6/14/2021
TDS4501P SEMTECH-TDS4501P Datasheet
861Kb / 10P
Transient Diverting Suppressor 1-Line, 45V (24VAC) EOS Protection
Rev 2.0 7/2/2021
UCLAMP2482PWQ SEMTECH-UCLAMP2482PWQ Datasheet
829Kb / 10P
24V ESD and EOS Protection for 2-Line Automotive Applications
logo
Guangdong Youtai Semico...
ESDA8V2-1J UMW-ESDA8V2-1J Datasheet
316Kb / 5P
High EOS and ESD protection level
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com