Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL432CDBVR Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TL432CDBVR Datasheet PDF - Texas Instruments
Part # TL432CDBVR
Download  TL432CDBVR Download
File Size   2990.99 Kbytes
Page   79 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TL431, TL432 Precision Programmable Reference

TL432CDBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TL432CDBVR Datasheet PDF - Texas Instruments

Part # TL432CDBVR
Download  TL432CDBVR Click to download

File Size   2990.99 Kbytes
Page   79 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TL431, TL432 Precision Programmable Reference

TL432CDBVR Datasheet (HTML) - Texas Instruments


TL432CDBVR Product details

1 Features
• Reference voltage tolerance at 25°C
– 0.5% (B grade)
– 1% (A grade)
– 2% (Standard grade)
• Adjustable output voltage: Vref to 36V
• Operation from −40°C to 125°C
• Typical temperature drift (TL43xB)
– 6mV (C temp)
– 14mV (I temp, Q temp)
• Low Output Noise
• 0.2Ω Typical output impedance
• Sink-current capability: 1mA to 100mA

2 Applications
• Rack server power
• Industrial AC/DC
• AC inverter & VF drives
• Servo drive control module
• Notebook PC power adapter design

3 Description
The TL431 and TL432 devices are three-terminal
adjustable shunt regulators, with specified thermal
stability over applicable automotive, commercial, and
military temperature ranges. The output voltage can
be set to any value between Vref (approximately
2.5V) and 36V, with two external resistors. These
devices have a typical output impedance of 0.2Ω.
Active output circuitry provides a very sharp turnon
characteristic, making these devices excellent
replacements for Zener diodes in many applications,
such as on-board regulation, adjustable power
supplies, and switching power supplies. The TL432
device has exactly the same functionality and
electrical specifications as the TL431 device, but has
different pinouts for the DBV, DBZ, and PK packages.
Both the TL431 and TL432 devices are offered in
three grades, with initial tolerances (at 25°C) of
0.5%, 1%, and 2%, for the B, A, and standard
grade, respectively. In addition, low output drift versus
temperature verifies good stability over the entire
temperature range.
The TL43xxC devices are characterized for operation
from 0°C to 70°C, the TL43xxI devices are
characterized for operation from –40°C to 85°C, and
the TL43xxQ devices are characterized for operation
from –40°C to 125°C.




Similar Part No. - TL432CDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL432CDBVR TI-TL432CDBVR Datasheet
795Kb / 41P
ADJUSTABLE PRECISION SHUNT REGULATORS
TL432CDBVR TI-TL432CDBVR Datasheet
787Kb / 40P
ADJUSTABLE PRECISION SHUNT REGULATORS
TL432CDBVR TI-TL432CDBVR Datasheet
1Mb / 61P
ADJUSTABLE PRECISION SHUNT REGULATORS
TL432CDBVR TI-TL432CDBVR Datasheet
1Mb / 56P
ADJUSTABLE PRECISION SHUNT REGULATORS
TL432CDBVR TI-TL432CDBVR Datasheet
1Mb / 67P
ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Similar Description - TL432CDBVR

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
PRECISION PROGRAMMABLE REFERENCE
TL431-DIE TI-TL431-DIE_15 Datasheet
76Kb / 6P
TL431-DIE Precision Programmable Reference
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431-Q1 TI1-TL431-Q1_V01 Datasheet
1Mb / 32P
TL431-Q1 / TL432-Q1 Adjustable Precision Shunt Regulator
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
Programmable Precision Reference
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431 TI-TL431_V01 Datasheet
3Mb / 83P
TL431, TL432 Precision Programmable Reference
REVISED JULY 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com