Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL432CDBVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL432CDBVR
Description  TL431, TL432 Precision Programmable Reference
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL432CDBVR Datasheet(HTML) 5 Page - Texas Instruments

  TL432CDBVR Datasheet HTML 1Page - Texas Instruments TL432CDBVR Datasheet HTML 2Page - Texas Instruments TL432CDBVR Datasheet HTML 3Page - Texas Instruments TL432CDBVR Datasheet HTML 4Page - Texas Instruments TL432CDBVR Datasheet HTML 5Page - Texas Instruments TL432CDBVR Datasheet HTML 6Page - Texas Instruments TL432CDBVR Datasheet HTML 7Page - Texas Instruments TL432CDBVR Datasheet HTML 8Page - Texas Instruments TL432CDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 79 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VKA
Cathode Voltage(2)
37
V
IKA
Continuos Cathode Current Range
–100
150
mA
II(ref)
Reference Input Current
–0.05
10
mA
TJ
Operating Junction Temperature Range
150
°C
Tstg
Storage Temperature Range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
All voltage values are with respect to ANODE, unless otherwise noted.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001pins(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101 (2)
±1000
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500V HBM is possible with the necessary precautions.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250V CDM is possible with the necessary precautions.
6.3 Thermal Information
THERMAL METRIC(1)
TL43xx
UNIT
P
PW
D
PS
DCK
DBV
DBZ
LP
PK
8 PINS
6 PINS
5 PINS
3 PINS
RθJA
Junction-to-ambient
thermal resistance
85
149
97
95
259
206
206
140
52
°C/W
RθJC(top)
Junction-to-case
(top) thermal
resistance
57
65
39
46
87
131
76
55
9
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953)
6.4 Recommended Operating Conditions
See (1)
MIN
MAX
UNIT
VKA
Cathode Voltage
Vref
36
V
IKA
Continuous Cathode Current Range
1
100
mA
TA
Operating Free-Air Temperature
TL43xxC
0
70
°C
TL43xxI
–40
85
TL43xxQ
–40
125
(1)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
www.ti.com
TL431, TL432
SLVS543S – AUGUST 2004 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TL431 TL432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com