Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL432CDBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL432CDBVR
Description  TL431, TL432 Precision Programmable Reference
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL432CDBVR Datasheet(HTML) 1 Page - Texas Instruments

  TL432CDBVR Datasheet HTML 1Page - Texas Instruments TL432CDBVR Datasheet HTML 2Page - Texas Instruments TL432CDBVR Datasheet HTML 3Page - Texas Instruments TL432CDBVR Datasheet HTML 4Page - Texas Instruments TL432CDBVR Datasheet HTML 5Page - Texas Instruments TL432CDBVR Datasheet HTML 6Page - Texas Instruments TL432CDBVR Datasheet HTML 7Page - Texas Instruments TL432CDBVR Datasheet HTML 8Page - Texas Instruments TL432CDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 79 page
background image
TL431, TL432 Precision Programmable Reference
1 Features
• Reference voltage tolerance at 25°C
– 0.5% (B grade)
– 1% (A grade)
– 2% (Standard grade)
• Adjustable output voltage: Vref to 36V
• Operation from −40°C to 125°C
• Typical temperature drift (TL43xB)
– 6mV (C temp)
– 14mV (I temp, Q temp)
• Low Output Noise
• 0.2Ω Typical output impedance
• Sink-current capability: 1mA to 100mA
2 Applications
• Rack server power
• Industrial AC/DC
• AC inverter & VF drives
• Servo drive control module
• Notebook PC power adapter design
Vref
Input
VKA
IKA
Simplified Schematic
3 Description
The TL431 and TL432 devices are three-terminal
adjustable shunt regulators, with specified thermal
stability over applicable automotive, commercial, and
military temperature ranges. The output voltage can
be set to any value between Vref (approximately
2.5V) and 36V, with two external resistors. These
devices have a typical output impedance of 0.2Ω.
Active output circuitry provides a very sharp turn-
on characteristic, making these devices excellent
replacements for Zener diodes in many applications,
such as on-board regulation, adjustable power
supplies, and switching power supplies. The TL432
device has exactly the same functionality and
electrical specifications as the TL431 device, but has
different pinouts for the DBV, DBZ, and PK packages.
Both the TL431 and TL432 devices are offered in
three grades, with initial tolerances (at 25°C) of
0.5%, 1%, and 2%, for the B, A, and standard
grade, respectively. In addition, low output drift versus
temperature verifies good stability over the entire
temperature range.
The TL43xxC devices are characterized for operation
from 0°C to 70°C, the TL43xxI devices are
characterized for operation from –40°C to 85°C, and
the TL43xxQ devices are characterized for operation
from –40°C to 125°C.
Device Information
PART NUMBER
PACKAGE (PIN) (1)
BODY SIZE (NOM)
(2)
TL43x
SOT-23-3 (3)
2.90mm × 1.30mm
SOT-23-5 (5)
2.90mm × 1.60mm
SOIC (8)
4.90mm × 3.90mm
PDIP (8)
9.50mm × 6.35mm
SOP (8)
6.20mm × 5.30mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
TL431, TL432
SLVS543S – AUGUST 2004 – REVISED MAY 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TL432CDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL432CDBVR TI-TL432CDBVR Datasheet
795Kb / 41P
ADJUSTABLE PRECISION SHUNT REGULATORS
TL432CDBVR TI-TL432CDBVR Datasheet
787Kb / 40P
ADJUSTABLE PRECISION SHUNT REGULATORS
TL432CDBVR TI-TL432CDBVR Datasheet
1Mb / 61P
ADJUSTABLE PRECISION SHUNT REGULATORS
TL432CDBVR TI-TL432CDBVR Datasheet
1Mb / 56P
ADJUSTABLE PRECISION SHUNT REGULATORS
TL432CDBVR TI-TL432CDBVR Datasheet
1Mb / 67P
ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - TL432CDBVR

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
PRECISION PROGRAMMABLE REFERENCE
TL431-DIE TI-TL431-DIE_15 Datasheet
76Kb / 6P
TL431-DIE Precision Programmable Reference
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431-Q1 TI1-TL431-Q1_V01 Datasheet
1Mb / 32P
TL431-Q1 / TL432-Q1 Adjustable Precision Shunt Regulator
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
Programmable Precision Reference
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431 TI-TL431_V01 Datasheet
3Mb / 83P
TL431, TL432 Precision Programmable Reference
REVISED JULY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com