Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL432CDBVR Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # TL432CDBVR
Description  TL431, TL432 Precision Programmable Reference
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL432CDBVR Datasheet(HTML) 71 Page - Texas Instruments

Back Button TL432CDBVR Datasheet HTML 67Page - Texas Instruments TL432CDBVR Datasheet HTML 68Page - Texas Instruments TL432CDBVR Datasheet HTML 69Page - Texas Instruments TL432CDBVR Datasheet HTML 70Page - Texas Instruments TL432CDBVR Datasheet HTML 71Page - Texas Instruments TL432CDBVR Datasheet HTML 72Page - Texas Instruments TL432CDBVR Datasheet HTML 73Page - Texas Instruments TL432CDBVR Datasheet HTML 74Page - Texas Instruments TL432CDBVR Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 79 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MAX
ALL AROUND
TYP
(1.07)
(1.5)
2X (1.5)
2X (1.07)
(1.27)
(2.54)
FULL R
TYP
(
1.4)
0.05 MAX
ALL AROUND
TYP
(2.6)
(5.2)
(R0.05) TYP
3X (
0.9) HOLE
2X (
1.4)
METAL
3X (
0.85) HOLE
(R0.05) TYP
4215214/B 04/2017
TO-92 - 5.34 mm max height
LP0003A
TO-92
LAND PATTERN EXAMPLE
FORMED LEAD OPTION
NON-SOLDER MASK DEFINED
SCALE:15X
SOLDER MASK
OPENING
METAL
2X
SOLDER MASK
OPENING
1
2
3
LAND PATTERN EXAMPLE
STRAIGHT LEAD OPTION
NON-SOLDER MASK DEFINED
SCALE:15X
METAL
TYP
SOLDER MASK
OPENING
2X
SOLDER MASK
OPENING
2X
METAL
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com