Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL432CDBVR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TL432CDBVR
Description  TL431, TL432 Precision Programmable Reference
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL432CDBVR Datasheet(HTML) 25 Page - Texas Instruments

Back Button TL432CDBVR Datasheet HTML 21Page - Texas Instruments TL432CDBVR Datasheet HTML 22Page - Texas Instruments TL432CDBVR Datasheet HTML 23Page - Texas Instruments TL432CDBVR Datasheet HTML 24Page - Texas Instruments TL432CDBVR Datasheet HTML 25Page - Texas Instruments TL432CDBVR Datasheet HTML 26Page - Texas Instruments TL432CDBVR Datasheet HTML 27Page - Texas Instruments TL432CDBVR Datasheet HTML 28Page - Texas Instruments TL432CDBVR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 79 page
background image
9.2.1.2.2 Output Voltage and Logic Input Level
For TL431 to properly be used as a comparator, the logic output must be readable by the receiving logic device.
This is accomplished by knowing the input high and low level threshold voltage levels, typically denoted by VIH &
VIL.
As seen in Figure 9-2, TL431's output low level voltage in open-loop/comparator mode is ~2 V, which is typically
sufficient for 5V supplied logic. However, would not work for 3.3V& 1.8Vsupplied logic. To accommodate this a
resistive divider can be tied to the output to attenuate the output voltage to a voltage legible to the receiving low
voltage logic device.
TL431's output high voltage is equal to VSUP due to TL431 being open-collector. If VSUP is much higher than the
receiving logic's maximum input voltage tolerance, the output must be attenuated to accommodate the outgoing
logic's reliability.
When using a resistive divider on the output, be sure to make the sum of the resistive divider (R1 & R2 in Figure
9-1) is much greater than RSUP to not interfere with TL431's ability to pull close to VSUP when turning off.
9.2.1.2.2.1 Input Resistance
TL431 requires an input resistance in this application to source the reference current (IREF) needed from this
device to be in the proper operating regions while turning on. The actual voltage seen at the ref pin will be
VREF=VIN-IREF*RIN. Since IREF can be as high as 4µA it is recommended to use a resistance small enough that
will mitigate the error that IREF creates from VIN.
9.2.1.3 Application Curve
Time (s)
-0.001
-0.0006
-0.0002
0.0002
0.0006
0.001
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
D001
Vin
Vka(Rsup=10k:)
Vka(Rsup=1k:)
Figure 9-2. Output Response With Various Cathode Currents
www.ti.com
TL431, TL432
SLVS543S – AUGUST 2004 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TL431 TL432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com