Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL432CDBVR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TL432CDBVR
Description  TL431, TL432 Precision Programmable Reference
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL432CDBVR Datasheet(HTML) 24 Page - Texas Instruments

Back Button TL432CDBVR Datasheet HTML 20Page - Texas Instruments TL432CDBVR Datasheet HTML 21Page - Texas Instruments TL432CDBVR Datasheet HTML 22Page - Texas Instruments TL432CDBVR Datasheet HTML 23Page - Texas Instruments TL432CDBVR Datasheet HTML 24Page - Texas Instruments TL432CDBVR Datasheet HTML 25Page - Texas Instruments TL432CDBVR Datasheet HTML 26Page - Texas Instruments TL432CDBVR Datasheet HTML 27Page - Texas Instruments TL432CDBVR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 79 page
background image
9.2.1.1 Design Requirements
For this design example, use the parameters listed in Table 9-1 as the input parameters.
Table 9-1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input Voltage Range
0Vto 5V
Input Resistance
10kΩ
Supply Voltage
24V
Cathode Current (Ik)
5mA
Output Voltage Level
~2V– VSUP
Logic Input Thresholds VIH/VIL
VL
9.2.1.2 Detailed Design Procedure
When using TL431 as a comparator with reference, determine the following:
• Input Voltage Range
• Reference Voltage Accuracy
• Output logic input high and low level thresholds
• Current Source resistance
9.2.1.2.1 Basic Operation
In the configuration shown in Figure 9-1 TL431 will behave as a comparator, comparing the VREF pin voltage
to the internal virtual reference voltage. When provided a proper cathode current (IK), TL43xx will have enough
open loop gain to provide a quick response. This can be seen in Figure 9-2, where the RSUP=10 kΩ (IKA=500 µA)
situation responds much slower than RSUP=1 kΩ (IKA=5mA). Operation near and below Imin could result in low
gain, leading to a slow response.
9.2.1.2.1.1 Overdrive
Slow or inaccurate responses can also occur when the reference pin is not provided enough overdrive voltage.
This is the amount of voltage that is higher than the internal virtual reference. The internal virtual reference
voltage will be within the range of 2.5V±(0.5%, 1.0% or 1.5%) depending on which version is being used. The
more overdrive voltage provided, the faster the TL431 will respond.
For applications where TL431 is being used as a comparator, it is best to set the trip point to greater than the
positive expected error (i.e. +1.0% for the A version). For fast response, setting the trip point to >10% of the
internal VREF should suffice.
For minimal voltage drop or difference from Vin to the ref pin, it is recommended to use an input resistor <10kΩ
to provide Iref.
TL431, TL432
SLVS543S – AUGUST 2004 – REVISED MAY 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TL431 TL432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com