Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL432CDBVR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TL432CDBVR
Description  TL431, TL432 Precision Programmable Reference
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL432CDBVR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TL432CDBVR Datasheet HTML 10Page - Texas Instruments TL432CDBVR Datasheet HTML 11Page - Texas Instruments TL432CDBVR Datasheet HTML 12Page - Texas Instruments TL432CDBVR Datasheet HTML 13Page - Texas Instruments TL432CDBVR Datasheet HTML 14Page - Texas Instruments TL432CDBVR Datasheet HTML 15Page - Texas Instruments TL432CDBVR Datasheet HTML 16Page - Texas Instruments TL432CDBVR Datasheet HTML 17Page - Texas Instruments TL432CDBVR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 79 page
background image
6.13 Electrical Characteristics, TL431BQ, TL432BQ
over recommended operating conditions, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CIRCUIT
TEST CONDITIONS
MIN TYP MAX
UNIT
Vref
Reference Voltage
See Figure 7-1
VKA = Vref, IKA = 10mA
2483 2495 2507
mV
VI(dev)
Deviation of reference
input voltage over full
temperature range (1)
See Figure 7-1
VKA = Vref, IKA = 10mA
14
34
mV
ΔVref /
ΔVKA
Ratio of change in
reference voltage to
the change in cathode
voltage
See Figure 7-2
IKA = 10mA
ΔVKA = 10V- Vref
–1.4 –2.7
mV/V
ΔVKA = 36V- 10V
–1
–2
mV/V
Iref
Reference Input Current See Figure 7-2
IKA = 10mA, R1 = 10kΩ, R2 = ∞
2
4
µA
II(dev)
Deviation of reference
input current over full
temperature range (1)
See Figure 7-2
IKA = 10mA, R1 = 10kΩ, R2 = ∞
0.8
2.5
µA
Imin
Minimum cathode
current for regulation
See Figure 7-1
VKA = Vref
0.4
0.7
mA
Ioff
Off-state cathode current See Figure 7-3
VKA = 36V, Vref = 0
0.1
0.5
µA
|ZKA|
Dynamic Impedance (2)
See Figure 7-1
VKA = Vref, f ≤ 1kHz,
IKA = 1mA to 100mA
0.2
0.5
Ω
(1)
The deviation parameters VI(dev) and II(dev) are defined as the differences between the maximum and minimum values obtained over
the rated temperature range. For more details on VI(dev) and how it relates to the average temperature coefficient, see Temperature
Coefficient.
(2)
The dynamic impedance is defined by |ZKA| = ΔVKA/ΔIKA. For more details on |ZKA| and how it relates to VKA, see Dynamic
Impedance.
TL431, TL432
SLVS543S – AUGUST 2004 – REVISED MAY 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TL431 TL432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com