Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL432CDBVR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TL432CDBVR
Description  TL431, TL432 Precision Programmable Reference
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL432CDBVR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TL432CDBVR Datasheet HTML 13Page - Texas Instruments TL432CDBVR Datasheet HTML 14Page - Texas Instruments TL432CDBVR Datasheet HTML 15Page - Texas Instruments TL432CDBVR Datasheet HTML 16Page - Texas Instruments TL432CDBVR Datasheet HTML 17Page - Texas Instruments TL432CDBVR Datasheet HTML 18Page - Texas Instruments TL432CDBVR Datasheet HTML 19Page - Texas Instruments TL432CDBVR Datasheet HTML 20Page - Texas Instruments TL432CDBVR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 79 page
background image
0.1
1 k
10 k
100 k
1 M
10 M
1
f − Frequency − Hz
10
100
IKA = 10 mA
TA = 25°C
Figure 6-12. Reference Impedance vs Frequency
1 kΩ
50 Ω
GND
Output
IKA
+
−
Figure 6-13. Test Circuit for Reference Impedance
3
2
1
0
−1
0
1
2
3
4
4
5
6
5
6
7
Input
Output
TA = 25°C
t − Time − µs
Figure 6-14. Pulse Response
220 Ω
50 Ω
GND
Output
Pulse
Generator
f = 100 kHz
Figure 6-15. Test Circuit for Pulse Response
50
40
10
0
0.001
0.01
0.1
1
70
90
100
10
30
80
60
20
TA = 25°C
B
Stable
Stable
A V KA = Vref
B VKA = 5 V
C VKA = 10 V
D VKA = 15 Vf
CL − Load Capacitance − µF
A
C
D
The areas under the curves represent conditions that can
cause the device to oscillate. For curves B, C, and D, R2 and
V+ are adjusted to establish the initial VKA and IKA conditions,
with CL = 0. VBATT and CL then are adjusted to determine the
ranges of stability.
Figure 6-16. Stability Boundary Conditions for All
TL431 and TL431A Devices (Except for SOT23-3,
SC-70, and Q-Temp Devices)
150 Ω
IKA
R1 = 10 kΩ
R2
CL
VBATT
IKA
CL
VBATT
150 Ω
TEST CIRCUIT FOR CURVE A
TEST CIRCUIT FOR CURVES B, C, AND D
+
−
+
−
Figure 6-17. Test Circuits for Stability Boundary
Conditions
www.ti.com
TL431, TL432
SLVS543S – AUGUST 2004 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TL431 TL432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com