Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL432CDBVR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TL432CDBVR
Description  TL431, TL432 Precision Programmable Reference
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL432CDBVR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TL432CDBVR Datasheet HTML 11Page - Texas Instruments TL432CDBVR Datasheet HTML 12Page - Texas Instruments TL432CDBVR Datasheet HTML 13Page - Texas Instruments TL432CDBVR Datasheet HTML 14Page - Texas Instruments TL432CDBVR Datasheet HTML 15Page - Texas Instruments TL432CDBVR Datasheet HTML 16Page - Texas Instruments TL432CDBVR Datasheet HTML 17Page - Texas Instruments TL432CDBVR Datasheet HTML 18Page - Texas Instruments TL432CDBVR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 79 page
background image
6.14 Typical Characteristics
Data at high and low temperatures are applicable only within the recommended operating free-air temperature
ranges of the various devices.
2500
2480
2420
2400
−75
−50
−25
0
25
50
75
2540
2580
2600
100
125
2460
2560
2520
2440
TA − Free-Air Temperature − °C
Vref = 2495 mV
Vref = 2440 mV
VKA = Vref
IKA = 10 mA
Vref = 2550 mV
Figure 6-1. Reference Voltage vs Free-Air
Temperature
3
2
1
0
−75
−25
0
50
4
5
100
125
−50
25
75
TA − Free-Air Temperature − °C
R1 = 10 kΩ
R2 =∞
IKA = 10 mA
Figure 6-2. Reference Current vs Free-Air
Temperature
25
0
−50
−75
−100
125
−25
−2
−1
0
1
75
50
100
150
2
3
VKA − Cathode Voltage − V
VKA = Vref
TA = 25°C
Figure 6-3. Cathode Current vs Cathode Voltage
400
200
0
−200
−1
0
1
600
800
2
3
VKA = Vref
TA = 25°C
VKA − Cathode Voltage − V
Imin
Figure 6-4. Cathode Current vs Cathode Voltage
1.5
1
0.5
0
−75
−25
0
50
2
2.5
100
125
−50
25
75
TA − Free-Air Temperature − °C
VKA = 36 V
Vref = 0
16
Figure 6-5. Off-State Cathode Current vs Free-Air
Temperature
−1.15
−1.25
−1.35
−1.45
−1.05
− 0.95
− 0.85
TA − Free-Air Temperature − °C
−75
−25
0
50
100
125
−50
25
75
VKA = 3 V to 36 V
16
Figure 6-6. Ratio of Delta Reference Voltage to
Delta Cathode Voltage vs Free-Air Temperature
www.ti.com
TL431, TL432
SLVS543S – AUGUST 2004 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TL431 TL432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com