Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL432CDBVR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TL432CDBVR
Description  TL431, TL432 Precision Programmable Reference
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL432CDBVR Datasheet(HTML) 27 Page - Texas Instruments

Back Button TL432CDBVR Datasheet HTML 23Page - Texas Instruments TL432CDBVR Datasheet HTML 24Page - Texas Instruments TL432CDBVR Datasheet HTML 25Page - Texas Instruments TL432CDBVR Datasheet HTML 26Page - Texas Instruments TL432CDBVR Datasheet HTML 27Page - Texas Instruments TL432CDBVR Datasheet HTML 28Page - Texas Instruments TL432CDBVR Datasheet HTML 29Page - Texas Instruments TL432CDBVR Datasheet HTML 30Page - Texas Instruments TL432CDBVR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 79 page
background image
9.2.2.2.2 Total Accuracy
When programming the output above unity gain (VKA=VREF), TL43xx is susceptible to other errors that may
effect the overall accuracy beyond VREF. These errors include:
• R1 and R2 accuracies
• VI(dev) - Change in reference voltage over temperature
• ΔVREF / ΔVKA - Change in reference voltage to the change in cathode voltage
• |zKA| - Dynamic impedance, causing a change in cathode voltage with cathode current
Worst case cathode voltage can be determined taking all of the variables in to account. Application note Setting
the Shunt Voltage on an Adjustable Shunt Regulator (SLVA445) assists designers in setting the shunt voltage to
achieve optimum accuracy for this device.
9.2.2.2.3 Stability
Though TL43xx is stable with no capacitive load, the device that receives the shunt regulator's output voltage
could present a capacitive load that is within the TL43xx region of stability, shown in Figure 6-16 and
Figure 6-18. Also, designers may use capacitive loads to improve the transient response or for power supply
decoupling. When using additional capacitance between Cathode and Anode, refer to Figure 6-16 and Figure
6-18. Also, application note Understanding Stability Boundary Conditions Charts in TL431, TL432 Data Sheet
(SLVA482) will provide a deeper understanding of this devices stability characteristics and aid the user in making
the right choices when choosing a load capacitor.
9.2.2.2.4 Start-Up Time
As shown in Figure 9-4, TL43xx has a fast response up to ~2Vand then slowly charges to its programmed value.
This is due to the compensation capacitance (shown in Figure 6-18) the TL43xx has to meet its stability criteria.
Despite the secondary delay, TL43xx still has a fast response suitable for many clamp applications.
9.2.2.3 Application Curve
Time (s)
-5E-6
-3E-6
-1E-6
1E-6
3E-6
5E-6
-6
-3
0
3
6
9
12
15
18
21
24
27
D001
Vsup
Vka=Vref
R1=10k: & R2=10k:
R1=38k: & R2=10k:
Figure 9-4. TL43xx Start-Up Response
www.ti.com
TL431, TL432
SLVS543S – AUGUST 2004 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TL431 TL432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com