Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-28KF-R1 Datasheet (PDF) - Eravant

SWC-28KF-R1 Datasheet PDF - Eravant
Part # SWC-28KF-R1
Download  SWC-28KF-R1 Download
File Size   333.92 Kbytes
Page   3 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description Ka-Band Waveguide to 2.92mm Connector Adapter, Right Angle

SWC-28KF-R1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SWC-28KF-R1 Datasheet PDF - Eravant

Part # SWC-28KF-R1
Download  SWC-28KF-R1 Click to download

File Size   333.92 Kbytes
Page   3 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description Ka-Band Waveguide to 2.92mm Connector Adapter, Right Angle

SWC-28KF-R1 Datasheet (HTML) - Eravant


SWC-28KF-R1 Product details

FEATURES
Broad Band Coverage
Lower Insertion Loss and VSWR
Instrumentation Grade
DC Open Circuit
APPLICATIONS
Test Lab
Instrumentations
Sub-assemblies




Similar Part No. - SWC-28KF-R1

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-28KF-R1-1530 ERAVANT-SWC-28KF-R1-1530 Datasheet
300Kb / 3P
Ka-Band Waveguide to K Connector Adapter, Right Angle, Non-Standard Flange
Rev 1.3
SWC-28KF-R1-V ERAVANT-SWC-28KF-R1-V Datasheet
332Kb / 2P
Ka-Band Waveguide to 2.92mm Connector Adapter, Right Angle, Thermal Vacuum Safe
Rev 1.4
More results


Similar Description - SWC-28KF-R1

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9644 PASTERNACK-PE9644 Datasheet
249Kb / 3P
Precision 2.92mm Male to 2.92mm Female Right Angle Adapter
PE9645 PASTERNACK-PE9645 Datasheet
255Kb / 3P
Precision 2.92mm Male to 2.92mm Male Right Angle Adapter
PE9646 PASTERNACK-PE9646 Datasheet
250Kb / 3P
Precision 2.92mm Female to 2.92mm Female Right Angle Adapter
PE91070 PASTERNACK-PE91070 Datasheet
243Kb / 3P
Precision 2.92mm Male to 2.92mm Female Radius Right Angle Adapter Up To 40GHz
PE-W28CA001 PASTERNACK-PE-W28CA001 Datasheet
414Kb / 4P
WR-28 With UG-599 - U Flange to 2.92mm Female Waveguide to Coax Adapter Operating From 26.5 GHz to 40 GHz Ka Band
PE-W28CA002 PASTERNACK-PE-W28CA002 Datasheet
439Kb / 4P
WR-28 With UG-599 - U Flange to 2.92mm Male Waveguide to Coax Adapter Operating From 26.5 GHz to 40 GHz Ka Band
logo
Winchester Electronics ...
TRU-11222 WINCHESTER-TRU-11222 Datasheet
70Kb / 1P
CONNECTOR,COAXIAL 2.92MM(F) TO 2.92MM(F) ADAPTER
logo
Pasternack Enterprises,...
PE91512 PASTERNACK-PE91512 Datasheet
499Kb / 3P
1.85mm Female to 2.92mm Male Miter Right Angle Adapter
REV 1.0
PE91513 PASTERNACK-PE91513 Datasheet
496Kb / 3P
1.85mm Female to 2.92mm Female Miter Right Angle Adapter
REV 1.0
PE91519 PASTERNACK-PE91519 Datasheet
499Kb / 3P
1.85mm Male to 2.92mm Male Miter Right Angle Adapter
REV 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com