Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-28KF-R1 Datasheet(PDF) 1 Page - Eravant

Part # SWC-28KF-R1
Description  Ka-Band Waveguide to 2.92mm Connector Adapter, Right Angle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SWC-28KF-R1 Datasheet(HTML) 1 Page - Eravant

  SWC-28KF-R1 Datasheet HTML 1Page - Eravant SWC-28KF-R1 Datasheet HTML 2Page - Eravant SWC-28KF-R1 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SWC-28KF-R1 and SWC-28KM-R1
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
1/3
Rev 1.5
Ka-Band Waveguide to 2.92mm Connector Adapter, Right Angle
Models SWC-28KF-R1 and SWC-28KM-R1 are right angle (90°) Ka-
Band waveguide to coax adapters that cover the frequency range of 26.5
to 40 GHz. They are designed and manufactured for instrumentation grade
quality but offered at a commercial grade price, allowing for an efficient
transition between the rectangular waveguide and 2.92 mm (K) coax
connector. The end launch (180°) versions are offered under model
numbers SWC-28KF-E1 and SWC-28KM-E1.
Electrical Specifications:
Mechanical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency Range
26.5 GHz
40 GHz
Insertion Loss
0.35 dB
0.50 dB
Return Loss
17 dB
20 dB
Power Handling
20 W (CW)
Specification Temperature
+25°C
Operating Temperature
-40°C
+85°C
Item
Specification
Waveguide
WR-28 Waveguide with UG-599/U Flange
Coaxial Port
2.92 mm (K) Female for Model Number: SWC-28KF-R1
Coaxial Port
2.92 mm (K) Male for Model Number: SWC-28KM-R1
Material
Aluminum
Finish
Gold Plated
Weight
0.4 Oz
Outline
WC-AR
ECCN
EAR99
FEATURES
•
Broad Band Coverage
•
Lower Insertion Loss and
VSWR
•
Instrumentation Grade
• DC Open Circuit
APPLICATIONS
•
Test Lab
•
Instrumentations
• Sub-assemblies
SUPPLEMENTAL DETAILS


Similar Part No. - SWC-28KF-R1

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-28KF-R1-1530 ERAVANT-SWC-28KF-R1-1530 Datasheet
300Kb / 3P
Ka-Band Waveguide to K Connector Adapter, Right Angle, Non-Standard Flange
Rev 1.3
SWC-28KF-R1-V ERAVANT-SWC-28KF-R1-V Datasheet
332Kb / 2P
Ka-Band Waveguide to 2.92mm Connector Adapter, Right Angle, Thermal Vacuum Safe
Rev 1.4
More results

Similar Description - SWC-28KF-R1

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9644 PASTERNACK-PE9644 Datasheet
249Kb / 3P
Precision 2.92mm Male to 2.92mm Female Right Angle Adapter
PE9645 PASTERNACK-PE9645 Datasheet
255Kb / 3P
Precision 2.92mm Male to 2.92mm Male Right Angle Adapter
PE9646 PASTERNACK-PE9646 Datasheet
250Kb / 3P
Precision 2.92mm Female to 2.92mm Female Right Angle Adapter
PE91070 PASTERNACK-PE91070 Datasheet
243Kb / 3P
Precision 2.92mm Male to 2.92mm Female Radius Right Angle Adapter Up To 40GHz
PE-W28CA001 PASTERNACK-PE-W28CA001 Datasheet
414Kb / 4P
WR-28 With UG-599 - U Flange to 2.92mm Female Waveguide to Coax Adapter Operating From 26.5 GHz to 40 GHz Ka Band
PE-W28CA002 PASTERNACK-PE-W28CA002 Datasheet
439Kb / 4P
WR-28 With UG-599 - U Flange to 2.92mm Male Waveguide to Coax Adapter Operating From 26.5 GHz to 40 GHz Ka Band
logo
Winchester Electronics ...
TRU-11222 WINCHESTER-TRU-11222 Datasheet
70Kb / 1P
CONNECTOR,COAXIAL 2.92MM(F) TO 2.92MM(F) ADAPTER
logo
Pasternack Enterprises,...
PE91512 PASTERNACK-PE91512 Datasheet
499Kb / 3P
1.85mm Female to 2.92mm Male Miter Right Angle Adapter
REV 1.0
PE91513 PASTERNACK-PE91513 Datasheet
496Kb / 3P
1.85mm Female to 2.92mm Female Miter Right Angle Adapter
REV 1.0
PE91519 PASTERNACK-PE91519 Datasheet
499Kb / 3P
1.85mm Male to 2.92mm Male Miter Right Angle Adapter
REV 1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com