Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8621 Datasheet (PDF) - PMC-Sierra, Inc

PM8621 Datasheet PDF - PMC-Sierra, Inc
Part # PM8621
Download  PM8621 Download
File Size   1122.3 Kbytes
Page   184 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description NSE-8G??Standard Product Data Sheet Preliminary

PM8621 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM8621 Datasheet PDF - PMC-Sierra, Inc

Part # PM8621
Download  PM8621 Click to download

File Size   1122.3 Kbytes
Page   184 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description NSE-8G??Standard Product Data Sheet Preliminary

PM8621 Datasheet (HTML) - PMC-Sierra, Inc


PM8621 Product details

Description
The PM8621 NSE-8G is a monolithic CMOS integrated circuit packaged in a 480 ball UBGA that performs DS0 and above granularity space switching on 12 SBI336 streams carried as serial SBI336S in 8B/10B coding over LVDS at 777.6 Mbit/s. The NSE-8G also performs VT1.5/VT2 and above granularity switching on 12 STS-12/STM-4 SONET/SDH streams, carried as Serial TelecomBus signals in 8B/10B coding over LVDS at 777.6 Mbit/s.

Features
The Narrowband Switch Element 8G (NSE-8G):
•  Implements a Scaleable Bandwidth Interconnect (SBI™) DS0 granularity Space switch.
•  Implements a SONET/SDH VT1.5/VT2/TU11/TU12 granularity Space switch for the serial 777.6 MHz LVDS TelecomBus.
•  With an allied PM8610 SBS or PM8611 SBS-lite device, implements a DS0 granularity Memory-Space-Memory switch.
•  Supports 12 STS-12 equivalent serial ports via 777.6 MHz, 8B/10B encoded LVDS links (each port can be either Serial TeleCombus or Serial SBI336S)
•  When configured for SBI mode, switches DS0 or N*DS0 for all T1 and E1 tributaries and aggregate columns for switching T1, E1, TVT1.5, TVT2, DS3 and E3 tributaries.
•  When configured for the serial 777.6 MHz TelecomBus interface, switches any SONET/SDH virtual tributary (VT) or tributary unit (TU) up to STS-1.
•  Supports switching of arbitrary non-standard octet aggregates.
•  Supports unicast, multicast, and broadcast for all switching modes.
•  Provides 8 Gbit/s (96,768 DS0s, 4.032 T1s/VT1.5s, 3,024 E1s/VT2s, 144 DS3s/E3s) switching.
•  Works with SBS devices that support up to four 19.44 MHz SBI or one 77.76 MHz SBI336 bus that communicates with PMC-Sierra’s SBI device family. Alternatively, the SBS and SBS-lite devices support up to four 19.44 MHz STS-3 TelecomBuses or one 77.76 MHz STS-12 TelecomBus for connection with PMC-Sierra’s SPECTRA family of devices.
•  Can be combined in applications with PMC-Sierra’s CHESS™ chip set devices (PM5374 TSE and PM5307 TBS).
•  Supports a microprocessor interface used to configure/control the NSE and make DS0-granularity switch settings.
•  Supports clean error checked 8 Mbit/s full-duplex, in-band communications channels from its attached microprocessor to the attached microprocessors of each of the 12 attached SBS336S devices. This channel is used to initialize and control the SBSs, or other such devices, and to implement call-establishment set-up changes.
•  Supports JTAG for all non-LVDS signals.
•  Requires dual power supplies at 1.8V and 3.3V.
•  Packaged as a 480 ball UBGA.
•  In conjunction with the SBS or SBS-lite, supports “1+1” and “1:N” fabric redundancy.

Applications
The PM8621 Narrowband Switch Element 8G (NSE-8G) supports a variety of flexible Layer 1/Layer 2 architectures in combination with the following PMC-Sierra devices:
•  PM8610 SBS and PM8611 SBS-lite (SBI Serializer and Memory switching stage).
•  SBI bus devices (TEMUX™/TEMAP, FREEDM devices, S/UNI®-IMA devices, AAL1gator™ devices and other future devices).
•  CHESS™ chip set devices (PM5374 TSE, PM5307 TBS, PM5315 SPECTRA™-2488, and PM7390 S/UNI®-MACH48).
These architectures include:
•  T1/E1 SONET ADMs.
•  TDM ASAP applications.
•  PHY cards with DS0 (and above) level switching.
•  PSTN replacement switching cores, as part of any-service-any-port applications, and
•  Voice Gateways.




Similar Part No. - PM8621

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM862 ARTESYN-PM862 Datasheet
38Kb / 2P
Single and dual output 10 to 12 Watt Nominal input DC/DC converters
logo
PMC-Sierra, Inc
PM8620 PMC-PM8620 Datasheet
52Kb / 4P
20G Narrowband Switch Element
PM8620 PMC-PM8620 Datasheet
1Mb / 190P
NSE-20G??Standard Product Data Sheet Preliminary
PM8620 PMC-PM8620 Datasheet
39Kb / 2P
20G Narrowband Switch Element
PM8620-1 PMC-PM8620-1 Datasheet
39Kb / 2P
20G Narrowband Switch Element
More results


Similar Description - PM8621

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7325 PMC-PM7325 Datasheet
2Mb / 2P
S/UNI-ATLAS-3200 Telecom Standard Product Data Sheet Preliminary
PM8610 PMC-PM8610 Datasheet
1Mb / 338P
SBS Telecom Standard Product Data Sheet Preliminary
PM8611 PMC-PM8611 Datasheet
1Mb / 292P
SBSLITE??Telecom Standard Product Data Sheet Preliminary
PM8620 PMC-PM8620 Datasheet
1Mb / 190P
NSE-20G??Standard Product Data Sheet Preliminary
logo
Hynix Semiconductor
HMS9XC7132 HYNIX-HMS9XC7132 Datasheet
264Kb / 34P
DATA SHEET REV.2.0(PRELIMINARY)
logo
EPCOS
B82462G4103M EPCOS-B82462G4103M Datasheet
45Kb / 3P
PRELIMINARY DATA SHEET
logo
Lite-On Technology Corp...
CNY17F-3S-TA LITEON-CNY17F-3S-TA Datasheet
461Kb / 10P
Photocoupler Product Data Sheet
LTV-816S-TA1 LITEON-LTV-816S-TA1 Datasheet
1Mb / 18P
Photocoupler Product Data Sheet
LTV-824S LITEON-LTV-824S Datasheet
893Kb / 19P
Photocoupler Product Data Sheet
logo
Murata Manufacturing Co...
PLA10AS1321R7D2B MURATA-PLA10AS1321R7D2B Datasheet
219Kb / 3P
Product Search Data Sheet
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com