Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8621 Datasheet(PDF) 9 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 9 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 5Page - PMC-Sierra, Inc PM8621 Datasheet HTML 6Page - PMC-Sierra, Inc PM8621 Datasheet HTML 7Page - PMC-Sierra, Inc PM8621 Datasheet HTML 8Page - PMC-Sierra, Inc PM8621 Datasheet HTML 9Page - PMC-Sierra, Inc PM8621 Datasheet HTML 10Page - PMC-Sierra, Inc PM8621 Datasheet HTML 11Page - PMC-Sierra, Inc PM8621 Datasheet HTML 12Page - PMC-Sierra, Inc PM8621 Datasheet HTML 13Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
8
Document ID: PMC-2010850, Issue 1
List of Figures
Figure 1 An OC-48 T1/E1 ADM (Individually Drop/Add any T1/E1 in STS-48) ..............14
Figure 2 An OC-48 T1/E1 ADM (Drop/Add up to STS-48 at STS-1 Granularity)............14
Figure 3 Any-Service-Any-Port TDM Access Solution ....................................................15
Figure 4 Any-Service-Any-Port DS0-Granularity PHY Card ...........................................16
Figure 5 NSE- 8G Block Diagram Showing Functional Blocks .......................................17
Figure 6 NSE-8G UBGA-480 Ball Diagram (Bottom-View).............................................20
Figure 7 Analog Power Filter Circuit................................................................................39
Figure 8 Generic LVDS Link Block Diagram ...................................................................40
Figure 9 Character Alignment State Machine .................................................................47
Figure 10 Frame Alignment State Machine.....................................................................48
Figure 11 In-Band Signaling Channel Message Format .................................................52
Figure 12 In-Band Signaling Channel Header Format....................................................52
Figure 13 Input Observation Cell (IN_CELL) ................................................................131
Figure 14 Output Cell (OUT_CELL) ..............................................................................132
Figure 15 Bidirectional Cell (IO_CELL) .........................................................................132
Figure 16 Layout of Output Enable and Bidirectional Cells...........................................133
Figure 17 Shutting Down a Link ....................................................................................135
Figure 18 “C1” Synchronization Control........................................................................137
Figure 19 TEMUX-84™/SBS/NSE/SBS/AAL1gator-32™ system DS0 Switching
with CAS .......................................................................................................138
Figure 20 CAS Multiframe Timing .................................................................................139
Figure 21 Switch Timing DSOs with CAS .....................................................................139
Figure 22 TEMUX-84/SBS/NSE/SBS/FREEDM-336 System DS0 Switch no
CAS...............................................................................................................140
Figure 23 Switch Timing - DSOs without CAS ..............................................................141
Figure 24 Non DS0 Switch Timing ................................................................................142
Figure 25 Architecture of the RAM Input Interface........................................................144
Figure 26 C1 Position in the First Row..........................................................................149
Figure 27 Transport Overhead Affected by ILC ............................................................155
Figure 28 Example Graph .............................................................................................158
Figure 29 Time:Space:Time Switching in one NSE-8G and four Single-Ported
SBSs .............................................................................................................158
Figure 30 Example Graph .............................................................................................160
Figure 31 Example Problem..........................................................................................161



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com