Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8621 Datasheet(PDF) 95 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 95 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 91Page - PMC-Sierra, Inc PM8621 Datasheet HTML 92Page - PMC-Sierra, Inc PM8621 Datasheet HTML 93Page - PMC-Sierra, Inc PM8621 Datasheet HTML 94Page - PMC-Sierra, Inc PM8621 Datasheet HTML 95Page - PMC-Sierra, Inc PM8621 Datasheet HTML 96Page - PMC-Sierra, Inc PM8621 Datasheet HTML 97Page - PMC-Sierra, Inc PM8621 Datasheet HTML 98Page - PMC-Sierra, Inc PM8621 Datasheet HTML 99Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
94
Document ID: PMC-2010850, Issue 1
0: disables interrupt propagation to the INT output.
1: enables interrupt propagation to the INT output.
UPDATEE
This bit enables the propagation of interrupt to the INT output when UPDATEV changes state
from 1 to 0. This bit does not have impact on UPDATEI bit
0: disables interrupt propagation to the INT output.
1: enables interrupt propagation to the INT output.
FRAMEE
This bit enables the propagation of interrupt to the INT output when CMP is sampled at the
expected RC1FP position. This bit does not have an impact on FRAMEI bit.
0: disables interrupt propagation to the INT output.
1: enables interrupt propagation to the INT output.
SWAPV
The SWAPV bit contains the current state of the page swap. This bit is logic one when a
switch to the connection memory page (CMP) input has been recognized but the page swap
has not yet happened. This bit is a logic 0 when page swap is not pending.
When a page swap is pending, writing to the offline page or initiating a page copy may cause
corruption of the memory pages.
UPDATEV:
This bit is updated when the active connection memory page is copied to the offline
connection memory page.
0: copying completed.
1: copying in progress.
The duration of a page copy is highly dependent on MF_SWAP.
MF_SWAP
SYSCLK Clock cycles required
“00”
1083



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com