Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8621 Datasheet(PDF) 87 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 87 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 83Page - PMC-Sierra, Inc PM8621 Datasheet HTML 84Page - PMC-Sierra, Inc PM8621 Datasheet HTML 85Page - PMC-Sierra, Inc PM8621 Datasheet HTML 86Page - PMC-Sierra, Inc PM8621 Datasheet HTML 87Page - PMC-Sierra, Inc PM8621 Datasheet HTML 88Page - PMC-Sierra, Inc PM8621 Datasheet HTML 89Page - PMC-Sierra, Inc PM8621 Datasheet HTML 90Page - PMC-Sierra, Inc PM8621 Datasheet HTML 91Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
86
Document ID: PMC-2010850, Issue 1
Register 045H: DCB Configuration port 5-0 Register
Bit
Type
Function
Default
Bit 31-30
R
Unused
X
Bit 29-25
R/W
Port5[4:0]
0
Bit 24-20
R/W
Port4[4:0]
0
Bit 19-15
R/W
Port3[4:0]
0
Bit 14-10
R/W
Port2[4:0]
0
Bit 9-5
R/W
Port1[4:0]
0
Bit 4-0
R/W
Port0[4:0]
0
Port5[4:0]
This register selects the input port number to map to output port 5 of the DCB for an arbitrary
position in the SBI336/TelecomBus frame.
Port4[4:0]
This register selects the input port number to map to output port 4 of the DCB for an arbitrary
position in the SBI336/TelecomBus frame.
Port3[4:0]
This register selects the input port number to map to output port 3 of the DCB for an arbitrary
position in the SBI336/TelecomBus frame.
Port2[4:0]
This register selects the input port number to map to output port 2 of the DCB for an arbitrary
position in the SBI336/TelecomBus frame.
Port1[4:0]
This register selects the input port number to map to output port 1 of the DCB for an arbitrary
position in the SBI336/TelecomBus frame.
Port0[4:0]
This register selects the input port number to map to output port 0 of the DCB for an arbitrary
position in the SBI336/TelecomBus frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com