Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8621 Datasheet(PDF) 98 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 98 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 94Page - PMC-Sierra, Inc PM8621 Datasheet HTML 95Page - PMC-Sierra, Inc PM8621 Datasheet HTML 96Page - PMC-Sierra, Inc PM8621 Datasheet HTML 97Page - PMC-Sierra, Inc PM8621 Datasheet HTML 98Page - PMC-Sierra, Inc PM8621 Datasheet HTML 99Page - PMC-Sierra, Inc PM8621 Datasheet HTML 100Page - PMC-Sierra, Inc PM8621 Datasheet HTML 101Page - PMC-Sierra, Inc PM8621 Datasheet HTML 102Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
97
Document ID: PMC-2010850, Issue 1
Register 100H + N*20H, R8TD Control and Status
Bit
Type
Function
Default
Bit 31:16
R
Unused
X
Bit 15
R/W
Reserved[1]
0
Bit 14
R/W
Reserved[0]
0
Bit 13:10
R
Unused
X
Bit 9
R/W
RXINV
0
Bit 8
R/W
Reserved[2]
0
Bit 7
R/W
FUOE
0
Bit 6
R/W
LCVE
0
Bit 5
R/W
OFAE
0
Bit 4
R/W
OCAE
0
Bit 3
R
OFAV
X
Bit 2
R
OCAV
X
Bit 1
R/W
FOFA
0
Bit 0
R/W
FOCA
0
This register provides control and reports the status of the R8TD blocks.
FOCA
The force out-of-character-alignment bit (FOCA) control the operation of the character
alignment block in the R8TD block. A 0-1 transition on this bit forces the character alignment
block to the out-of-character-alignment state where it will search for the transport frame
alignment character (K28.5). Before another force operation can be performed, FOCA must
first be set to logic 0.
FOFA
The force out-of-frame-alignment bit (FOFA) controls the operation of the frame alignment
block in the R8TD block. A 0-1 transition on this bit forces the frame alignment block to the
out-of-frame-alignment state where it will search for the transport frame alignment character
(K28.5). Before another force operation can be performed, FOFA must first be set to logic 0.
OCAV
The out-of-character-alignment status bit (OCAV) reports the state of the character alignment
block in the R8TD block. OCAV is set high when the character alignment block is in the out-
of-character-alignment state. OCAV is set low when the character alignment block is in the
in-character-alignment state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com