Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8621 Datasheet(PDF) 61 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 61 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 57Page - PMC-Sierra, Inc PM8621 Datasheet HTML 58Page - PMC-Sierra, Inc PM8621 Datasheet HTML 59Page - PMC-Sierra, Inc PM8621 Datasheet HTML 60Page - PMC-Sierra, Inc PM8621 Datasheet HTML 61Page - PMC-Sierra, Inc PM8621 Datasheet HTML 62Page - PMC-Sierra, Inc PM8621 Datasheet HTML 63Page - PMC-Sierra, Inc PM8621 Datasheet HTML 64Page - PMC-Sierra, Inc PM8621 Datasheet HTML 65Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
60
Document ID: PMC-2010850, Issue 1
Register 002H: NSE-8G Master JTAG ID
Bit
Type
Function
Default hex
Bit 31:28
R
ID[3:0]
0h
Bit 27:12
R
DEVID[15:0]
8621h
Bit 11:0
R
JTAG Identification
Code
[MID[10:0] & JID]
0CDh
The NSE-8G Master JTAG ID registers hold the jtag identification code for the device. The
device revision number and device id are available through these registers.
ID[3:0]
The ID bits can be read to provide a binary NSE-8G revision number.
DEVID[15:0]
The DEVID bits can be read to distinguish the NSE-8G from other members of the NSE-8G
family of devices.
MID[10:0]
The MID bits provide the manufacturer identity field in the JTAG identification code.
JID
The JID bit is bit 0 in the JTAG identification code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com