Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8621 Datasheet(PDF) 21 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 21 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 17Page - PMC-Sierra, Inc PM8621 Datasheet HTML 18Page - PMC-Sierra, Inc PM8621 Datasheet HTML 19Page - PMC-Sierra, Inc PM8621 Datasheet HTML 20Page - PMC-Sierra, Inc PM8621 Datasheet HTML 21Page - PMC-Sierra, Inc PM8621 Datasheet HTML 22Page - PMC-Sierra, Inc PM8621 Datasheet HTML 23Page - PMC-Sierra, Inc PM8621 Datasheet HTML 24Page - PMC-Sierra, Inc PM8621 Datasheet HTML 25Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
20
Document ID: PMC-2010850, Issue 1
7
Pin Diagram
The NSE-8G is packaged in a 35 mm x 35 mm 480 ball UBGA.
Figure 6 NSE-8G UBGA-480 Ball Diagram (Bottom-View)
Upper Left
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
A VSS
VSS
VSS
VSS
VDDO
VSS
NC
VSS
NC
VSS
Reserved
VSS
Reserved
VSS
Reserved
VSS
VDDI
B VSS
AVDH
VDDO
VDDO
VDDO
VDDI
NC
NC
NC
VDDI
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
RSTB
C VSS
AVDH
AVDH
VDDO
VDDI
Reserved
NC
NC
VDDI
NC
Reserved
VDDI
Reserved
Reserved
Reserved
Reserved
VDDI
D VSS
AVDH
AVDH
AVDH
VDDO
Reserved
VDDI
VDDO
NC
NC
Reserved
VDDO
Reserved
Reserved
Reserved
VDDO
VDDI
E RESK1
RES1
NC
NC
F
VSS
NC
NC
AVDL1
G NC
NCNCNC
H VSS
NC
NC
AVDH
J
NC
NCNCNC
K VSS
NC
NC
VDDI
L
NC
NCNCNC
M VSS
NC
NC
AVDH
N VDDI
AVDL2
NC
NC
P VSS
NC
NC
VDDI
R NC
NCNCNC
T
NC
NC
AVDL4
AVDL3
U NC
NC
AVDL5
CSU_AV
DH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com