Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8621 Datasheet(PDF) 59 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 59 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 55Page - PMC-Sierra, Inc PM8621 Datasheet HTML 56Page - PMC-Sierra, Inc PM8621 Datasheet HTML 57Page - PMC-Sierra, Inc PM8621 Datasheet HTML 58Page - PMC-Sierra, Inc PM8621 Datasheet HTML 59Page - PMC-Sierra, Inc PM8621 Datasheet HTML 60Page - PMC-Sierra, Inc PM8621 Datasheet HTML 61Page - PMC-Sierra, Inc PM8621 Datasheet HTML 62Page - PMC-Sierra, Inc PM8621 Datasheet HTML 63Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
58
Document ID: PMC-2010850, Issue 1
Register 000H: NSE-8G Master Reset
Bit
Type
Function
Default
Bit 31
R/W
DRESET
0
Bit 30
R/W
ARESET
0
Bit 29:0
R
Unused
X
This register allows separate software reset of digital and analog circuitry on the NSE.
ARESET
The ARESET bit allows the analog circuitry in the NSE-8G to be reset under software
control. If the ARESET bit is a logic one, all the NSE-8G analog circuitry is held in reset.
ARESET must be held at logic one for at least 100us to ensure correct reset of the CSU. This
bit is not self-clearing. Therefore, a logic zero must be written to bring the NSE-8G out of
reset. Holding the NSE-8G in a reset state places it into a low power, analog stand-by mode.
A hardware reset clears the ARESET bit, thus negating the analog software reset.
DRESET
The DRESET bit allows the digital circuitry in the NSE-8G to be reset under software
control. If the DRESET bit is a logic one, all the NSE-8G digital circuitry is held in reset.
This bit is not self-clearing. Therefore, a logic zero must be written to bring the NSE-8G out
of reset. Holding the NSE-8G in a reset state places it into a low power, digital stand-by
mode. A hardware reset clears the DRESET bit, thus negating the digital software reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com