Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8621 Datasheet(PDF) 40 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 40 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 36Page - PMC-Sierra, Inc PM8621 Datasheet HTML 37Page - PMC-Sierra, Inc PM8621 Datasheet HTML 38Page - PMC-Sierra, Inc PM8621 Datasheet HTML 39Page - PMC-Sierra, Inc PM8621 Datasheet HTML 40Page - PMC-Sierra, Inc PM8621 Datasheet HTML 41Page - PMC-Sierra, Inc PM8621 Datasheet HTML 42Page - PMC-Sierra, Inc PM8621 Datasheet HTML 43Page - PMC-Sierra, Inc PM8621 Datasheet HTML 44Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
39
Document ID: PMC-2010850, Issue 1
Table 1 Analog Power Filters
Rs
Cl
Ch
Notes
CSU AVDH (2 balls)
3.3 ohm
100 nF
10 nF
One Filter network per VDD ball.
CSU AVDL (6 balls)
0.47 ohm
4.7 µF
10 nF
One Filter network per VDD ball.
AVDH
(34 balls)
3.3 ohm
1.0 µF
10 nF
Two VDD balls per filter network
1.
AVDL
(8 balls)
0 ohm
100 nF
10 nF
One Filter network per VDD ball.
Note
1.
Two power-gnd pairs can use the same filter.
Figure 7 Analog Power Filter Circuit
R
s
C
l
C
h
Supply VDD
Supply VSS
Device VSS
Device VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com