Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8621 Datasheet(PDF) 41 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 41 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 37Page - PMC-Sierra, Inc PM8621 Datasheet HTML 38Page - PMC-Sierra, Inc PM8621 Datasheet HTML 39Page - PMC-Sierra, Inc PM8621 Datasheet HTML 40Page - PMC-Sierra, Inc PM8621 Datasheet HTML 41Page - PMC-Sierra, Inc PM8621 Datasheet HTML 42Page - PMC-Sierra, Inc PM8621 Datasheet HTML 43Page - PMC-Sierra, Inc PM8621 Datasheet HTML 44Page - PMC-Sierra, Inc PM8621 Datasheet HTML 45Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
40
Document ID: PMC-2010850, Issue 1
9
Functional Description
9.1
LVDS Overview
The LVDS family of cells allow the implementation of 777.6 Mbit/s LVDS links. A reference
clock of 77.76 MHz is required.
A generic LVDS link according to IEEE 1596.3-1996 is illustrated in Figure 7 below. The
transmitter drives a differential signal through a pair of 50
Ω characteristic interconnects, such as
board traces, backplane traces, or short lengths of cable. The receiver presents a 100
Ω
differential termination impedance to terminate the lines. Included in the standard is sufficient
common-mode range for the receiver to accommodate as much as 925 mV of common-mode
ground difference.
Figure 8 Generic LVDS Link Block Diagram
Ω
Zo=50
Zo=50
Ω
100Ω
Vop
Von
Vip
Vin
Transmitter
Interconnect
Receiver
Complete SERDES transceiver functionality is provided. Ten-bit parallel data is sampled by the
line rate divided-by-10 clock (77.76 MHz SYSCLK) and then serialized at the line rate on the
LVDS output pins by a 777.6 MHz clock synthesized from SYSCLK. Serial line rate LVDS data
is sampled and de-serialized to 10-bit parallel data. Parallel output transfers are synchronized to a
gated line rate divided-by-10 clock. The 10-bit data is passed to an 8B/10B decoding block. The
gating duty cycle is adjusted such that the throughput of the parallel interface equals the receive
input data rate (Line Rate +/- 100 ppm). It is expected that the clock source of the transmitter is
the same as the clock source of the receiver to ensure the data throughput at both ends of the link
are identical.
Data is guaranteed to contain sufficient transition density to allow reliable operation of the data
recovery units by 8B/10B block coding and decoding provided by the T8TE and R8TD blocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com