Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8621 Datasheet(PDF) 45 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 45 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 41Page - PMC-Sierra, Inc PM8621 Datasheet HTML 42Page - PMC-Sierra, Inc PM8621 Datasheet HTML 43Page - PMC-Sierra, Inc PM8621 Datasheet HTML 44Page - PMC-Sierra, Inc PM8621 Datasheet HTML 45Page - PMC-Sierra, Inc PM8621 Datasheet HTML 46Page - PMC-Sierra, Inc PM8621 Datasheet HTML 47Page - PMC-Sierra, Inc PM8621 Datasheet HTML 48Page - PMC-Sierra, Inc PM8621 Datasheet HTML 49Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
44
Document ID: PMC-2010850, Issue 1
Code Group
Name
Curr. RD-
abcdei fghj
Curr. RD+
abcdei fghj
Encoded Signals
Description
K29.7-
101110 1000
-
V5 byte, send one less byte request**
Floating Transparent Virtual Tributaries
K27.7-
110110 1000
-
V5 byte
IV5=1,
IDATA[0,4] = ERDI[1:0] = ‘b00, IDATA[5] =
REI = ‘b0
K27.7+
-
001001 0111
V5 byte
IV5=1,
IDATA[0,4] = ERDI[1:0] = ‘b00, IDATA[5] =
REI = ‘b1
K28.7-
001111 1000
-
V5 byte
IV5=1,
IDATA[0,4] = ERDI[1:0] = ‘b01, IDATA[5] =
REI = ‘b0
K28.7+
-
110000 0111
V5 byte
IV5=1,
IDATA[0,4] = ERDI[1:0] = ‘b01, IDATA[5] =
REI = ‘b1
K29.7-
101110 1000
-
V5 byte
IV5=1,
IDATA[0,4] = ERDI[1:0] = ‘b10, IDATA[5] =
REI = ‘b0
K29.7+
-
010001 0111
V5 byte
IV5=1,
IDATA[0,4] = ERDI[1:0] = ‘b10, IDATA[5] =
REI = ‘b1
K30.7-
011110 1000
-
V5 byte
IV5=1,
IDATA[0,4] = ERDI[1:0] = ‘b11, IDATA[5] =
REI = ‘b0
K30.7+
-
100001 0111
V5 byte
IV5=1,
IDATA[0,4] = ERDI[1:0] = ‘b11, IDATA[5] =
REI = ‘b1
* Note there can be multiple V5s per SBI frame when in DS3 or E3 mode but only one
justification can occur per SBI frame. Positive and negative justification request through V5
required by the SBI336S interface should be limited to one per frame.
** Note fractional rate links are symmetric in the transmit and receive direction over SBI336S.
When using clock slave mode with a fractional rate link the clock master makes single byte
adjustments to the slaves rate once per frame.
9.3.2
Serial TelecomBus 8B/10B Character Encoding
Table 3 shows the mapping of TelecomBus control bytes and signals into 8B/10B control
characters. When the TelecomBus control signals conflict each other, the 8B/10B control
characters are generated according to the sequence of the table, with the characters at the top of
the table taking precedence over those lower in the table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com