Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8621 Datasheet(PDF) 7 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 7 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 3Page - PMC-Sierra, Inc PM8621 Datasheet HTML 4Page - PMC-Sierra, Inc PM8621 Datasheet HTML 5Page - PMC-Sierra, Inc PM8621 Datasheet HTML 6Page - PMC-Sierra, Inc PM8621 Datasheet HTML 7Page - PMC-Sierra, Inc PM8621 Datasheet HTML 8Page - PMC-Sierra, Inc PM8621 Datasheet HTML 9Page - PMC-Sierra, Inc PM8621 Datasheet HTML 10Page - PMC-Sierra, Inc PM8621 Datasheet HTML 11Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
6
Document ID: PMC-2010850, Issue 1
List of Registers
Register 000H: NSE-8G Master Reset..............................................................................58
Register 001H: NSE-8G Individual Channel Reset...........................................................59
Register 002H: NSE-8G Master JTAG ID .........................................................................60
Register 003H: SBS Page select – Page 0.......................................................................61
Register 004H: SBS Page select – Page 1.......................................................................62
Register 005H: NSE-8G Master Interrupt Source .............................................................63
Register 006H: NSE-8G Master ILC Interrupt Source ......................................................65
Register 007H: NSE-8G Master R8TD Interrupt Source...................................................66
Register 008H: NSE-8G Master T8TE Interrupt Source ...................................................67
Register 009H: NSE-8G Master Clock Monitor.................................................................68
Register 00AH: NSE-8G DCB CMP select........................................................................69
Register 00BH: NSE-8G Interrupt Enable Register ..........................................................70
Register 00CH: NSE-8G Subsystem Interrupt Enable Register .......................................71
Register 00DH: NSE-8G R8TD TIP register .....................................................................72
Register 00EH: SBS User Bit 0 .........................................................................................73
Register 00FH: SBS User Bit 1 .........................................................................................74
Register 010H: SBS User Bit 2 .........................................................................................75
Register 011H: NSE-8G FREE User Register...................................................................76
Register 012H: Correct R8TD_RX_C1 Pulse Monitor ......................................................77
Register 013H: Unexpected R8TD_RX_C1 Interrupt........................................................78
Register 014H: Missing R8TD_RX_C1 Interrupt...............................................................79
Register 015H: Unexpected R8TD_RX_C1 Interrupt Enable ...........................................80
Register 016H: Missing R8TD_RX_C1 Interrupt Enable ..................................................81
Register 020H, 024H: CSTR #1 – 2 Control*....................................................................82
Register 021H, 025H: CSTR #1 – 2* Interrupt Enable and CSU Lock Status ..................83
Register 022H, 026H: CSTR #1 – 2* Interrupt Indication..................................................84
Register 044H: DCB Configuration port 11-6 Register......................................................85
Register 045H: DCB Configuration port 5-0 Register .......................................................86
Register 046H: DCB Configuration Output Register. ........................................................87
Register 047H: DCB Access Mode Register.....................................................................88
Register 048H: DCB C1 delay (RC1DLY) register. ..........................................................91
Register 04AH: DCB Frame size Register ........................................................................92
Register 04CH: DCB Configuration Register ....................................................................93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com