Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8621 Datasheet(PDF) 47 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 47 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 43Page - PMC-Sierra, Inc PM8621 Datasheet HTML 44Page - PMC-Sierra, Inc PM8621 Datasheet HTML 45Page - PMC-Sierra, Inc PM8621 Datasheet HTML 46Page - PMC-Sierra, Inc PM8621 Datasheet HTML 47Page - PMC-Sierra, Inc PM8621 Datasheet HTML 48Page - PMC-Sierra, Inc PM8621 Datasheet HTML 49Page - PMC-Sierra, Inc PM8621 Datasheet HTML 50Page - PMC-Sierra, Inc PM8621 Datasheet HTML 51Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
46
Document ID: PMC-2010850, Issue 1
REI are encoded in the V5 byte.
K30.7-
011110 1000
-
IV5=’b1,
IDATA[0,4] = ERDI[1:0] = ‘b11, IDATA[5] =
REI = ‘b0
Low order path frame alignment. ERDI and
REI are encoded in the V5 byte.
K30.7+
-
100001 0111
IV5=’b1,
IDATA[0,4] = ERDI[1:0] = ‘b11, IDATA[5] =
REI = ‘b1
Low order path frame alignment. ERDI and
REI are encoded in the V5 byte.
K23.7-
111010 1000
000101 0111
ITPL=’b0
Non low-order path payload bytes.
9.3.3
Serial SBI336S and TelecomBus Alignment
The alignment functionality preformed by each receiver can be broken down into two parts,
character alignment and frame alignment. Character alignment finds the 8B/10B character
boundary in the arbitrarily aligned incoming data. Frame alignment finds SBI336S or
TelecomBus frame and multiframe boundaries within the Serial link.
The character and frame alignment are expected to be robust enough for operation over a cabled
interconnect.
9.3.4
Character Alignment Block
Character alignment locates character boundaries in the incoming 8B/10B data stream. The
character alignment algorithm may be in one of two states, in-character-alignment state and out-
of-character-alignment state. The two states of the character alignment algorithm is shown in
Figure 8.
When the character alignment state machine is in the out-of-character-alignment state, it
maintains the current alignment, while searching for a C1FP character. If it finds the C1FP
character, it will re-align to the C1FP character and move to the in-character-alignment state. The
C1FP character is found by searching for the 8B/10B C1FP character, K28.5+ or K28.5-,
simultaneously in ten possible bit locations. While in the in-character-alignment state, the state
machine monitors LCVs. If 5 or more LCVs are detected within a 15 character window the
character alignment state machine transitions to out-of-character-alignment state. The special
characters listed in Table 2 and Table 3 are ignored for LCV purposes. Upon return to in-
character-alignment state the LCV count is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com