Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8621 Datasheet(PDF) 39 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 39 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 35Page - PMC-Sierra, Inc PM8621 Datasheet HTML 36Page - PMC-Sierra, Inc PM8621 Datasheet HTML 37Page - PMC-Sierra, Inc PM8621 Datasheet HTML 38Page - PMC-Sierra, Inc PM8621 Datasheet HTML 39Page - PMC-Sierra, Inc PM8621 Datasheet HTML 40Page - PMC-Sierra, Inc PM8621 Datasheet HTML 41Page - PMC-Sierra, Inc PM8621 Datasheet HTML 42Page - PMC-Sierra, Inc PM8621 Datasheet HTML 43Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
38
Document ID: PMC-2010850, Issue 1
Pad Name
Type
Pin No.
Function
NC[49:0]
D17
B17
A17
D25
C25
D26
B26
A26
C27
B27
C28
B28
A28
TOTAL
480
Notes
1.
All NSE-8G inputs and bi-directional balls except the LVDS links present minimum capacitive loading
and operate at TTL logic levels.
2.
Inputs RSTB, ALE, TMS, TDI and TRSTB have internal pull-up resistors.
3.
All outputs have a minimum 8 mA drive capability – this includes TDO, INTB and D[31:0]).
4.
The VDDI and AVDL power pins are not internally connected to each other. Failure to connect these
pins externally may cause malfunction or damage to the device.
5.
The AVDH, CSU_AVDH and VDDO power pins are not internally connected to each other. Failure to
connect these pins externally may cause malfunction or damage to the device.
6.
The VDDI, VDDO, AVDH, CSU_AVDH and AVDL power pins all share the common ground VSS.
7.
To prevent damage to the device and to ensure proper operation, power must be applied
simultaneously to all 3.3 V power pins followed by power to all the 1.8 V power pins followed by input
pins driven by signals.
8.
To prevent damage to the device, power must first be removed from input pins followed by the removal
of power from all the 1.8 V power supply pins followed by the simultaneous removal of power from all
the 3.3 V power pins.
9.
The 3.3 V supplies should never be less than the 1.8 V supplies at any time during power-up and
power-down.
8.2
Analog Power Filtering Recommendations
To achieve best performance of the LVDS links, an analog filter network should be installed
between the power balls and the supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com