Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8621 Datasheet(PDF) 92 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 92 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 88Page - PMC-Sierra, Inc PM8621 Datasheet HTML 89Page - PMC-Sierra, Inc PM8621 Datasheet HTML 90Page - PMC-Sierra, Inc PM8621 Datasheet HTML 91Page - PMC-Sierra, Inc PM8621 Datasheet HTML 92Page - PMC-Sierra, Inc PM8621 Datasheet HTML 93Page - PMC-Sierra, Inc PM8621 Datasheet HTML 94Page - PMC-Sierra, Inc PM8621 Datasheet HTML 95Page - PMC-Sierra, Inc PM8621 Datasheet HTML 96Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
91
Document ID: PMC-2010850, Issue 1
Register 048H: DCB C1 delay (RC1DLY) register.
Bit
Type
Function
Default
Bit 31-6
R
Unused
X
Bit 13-0
R/W
RC1DLY[13:0]
0
RC1DLY
This value, equaling the delay (in 77.76 MHz clock periods), between RC1FP and the arrival
of the C1 characters in the R8TD. This delay will synchronize the C1 input to the R8TD
blocks assuming all the C1 characters have arrived. As the delay on those links is dependent
on the system design, backplane propagation delays, cable lengths etc. This value will have to
be arrived at empirically. And will have an upper an lower limit for which the middle value
should be selected. The Operations section for more detail and some recommended starting
values.
MF_SWAP Legal Range (clock cycles)
00
26 – 9716
01
26 – 16383
10
26 – 16383
11
26 – 16383



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com